Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-MC520R Datasheet(PDF) 5 Page - Fox Electronics

Part # FXO-MC520R
Description  LVDS 5 x 3.2mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-MC520R Datasheet(HTML) 5 Page - Fox Electronics

  FXO-MC520R Datasheet HTML 1Page - Fox Electronics FXO-MC520R Datasheet HTML 2Page - Fox Electronics FXO-MC520R Datasheet HTML 3Page - Fox Electronics FXO-MC520R Datasheet HTML 4Page - Fox Electronics FXO-MC520R Datasheet HTML 5Page - Fox Electronics FXO-MC520R Datasheet HTML 6Page - Fox Electronics FXO-MC520R Datasheet HTML 7Page - Fox Electronics FXO-MC520R Datasheet HTML 8Page - Fox Electronics FXO-MC520R Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FXO-LC52 Series
Page 5 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 2.5V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 2.5V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
LVDS Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
2.12
3.1
pS RMS
156.25 MHz
1.04
3.5
pS RMS
212.5 MHz
1.35
4.2
pS RMS
622.08MHz
1.30
3.7
pS RMS
LVDS Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.35
8.4
27.6 pS
156.25 MHz
1.40
9.2
29.2pS
212.5 MHz
1.42
10.9
31.2 pS
622.08 MHz
1.18
10.4
27.2 pS
Phase Noise
Offset Frequency
(10Hz to 40MHz)
(dBc / Hz) vs. offset frequency
2.5V Phase Noise Graph
1k
-110dBc
-120dBc
-130dBc
-150dBc
-140dBc
-160dBc
10
100
-100dBc
-60dBc
-80dBc
-90dBc
-70dBc
-40dBc
-50dBc
-30dBc
-20dBc
-10dBc
0 dBc
1M
10k
100k
10M
40M
622.08 MHz
156.25 MHz
62.5 MHz
212.5 MHz
156.25 MHz
622.08 MHz
212.5 MHz
62.5 MHz
Data Collected using HP 3048A
Four Frequencies from Jitter Tables
62.5 MHz only to 2 MHz offset Equipment Limitation


Similar Part No. - FXO-MC520R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-MC520R-622.08 FOX-FXO-MC520R-622.08 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXO-MC520R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com