Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBI40N-120 Datasheet(PDF) 2 Page - Fuji Electric

Part # 7MBI40N-120
Description  IGBT(1200V/40A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBI40N-120 Datasheet(HTML) 2 Page - Fuji Electric

  7MBI40N-120 Datasheet HTML 1Page - Fuji Electric 7MBI40N-120 Datasheet HTML 2Page - Fuji Electric 7MBI40N-120 Datasheet HTML 3Page - Fuji Electric 7MBI40N-120 Datasheet HTML 4Page - Fuji Electric 7MBI40N-120 Datasheet HTML 5Page - Fuji Electric 7MBI40N-120 Datasheet HTML 6Page - Fuji Electric 7MBI40N-120 Datasheet HTML 7Page - Fuji Electric 7MBI40N-120 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
n
n Electrical Characteristics( T
j=25°C )
Items
Symbols
Test Conditions
Min.
Max.
Units
Zero Gate Voltage Collector Current
ICES
VGE=0V VCE=1200V
3.0
mA
Gate-Emitter Leackage Current
IGES
VCE=0V VGE=
± 20V
15
µA
Gate-Emitter Threshold Voltage
VGE(th)
VGE=20V IC=40mA
4.5
7.5
Collector-Emitter Saturation Voltage
VCE(sat)
VGE=15V IC=40A
3.3
Input capacitance
Cies
f=1MHz, VGE=0V, VCE=10V
6200 (typ.)
pF
ton
VCC=600V
1.2
IC = 40A
toff
VGE=
±15V
1.5
tf
RG = 24
0.5
Diode Forward On-Voltage
VF
IF=40A VGE=0V
3.0
V
Reverse Recovery Time
trr
IF=40A; VGE=-10V;
-di/
dt=120
A/
µs
350
ns
Zero Gate Voltage Collector Current
ICES
VGE=0V VCE=1200V
1.0
mA
Gate-Emitter Leackage Current
IGES
VCE=0V VGE=
± 20V
100
nA
Collector-Emitter Saturation Voltage
VCE(sat)
VGE=15V IC=15A
3.3
V
ton
VCC=600V
1.2
IC = 15A
toff
VGE=
±15V
1.5
tf
RG = 82
0.5
Reverse Current
IRRM
VR=1200V
1.0
mA
Reverse Recovery Time
trr
600
ns
n
n Thermal Characteristics
Items
Symbols
Test Conditions
Min.
Max.
Units
Inverter IGBT
0.39
Thermal Resistance (1 device)
Rth(j-c)
Inverter FRD
0.85
Brake IGBT
1.04
Contact Thermal Resistance
Rth(c-f)
With Thermal Compound
0.05 (typ.)
Turn-on Time
Turn-on Time
Turn-off Time
Turn-off Time
V
µs
µs
°C/W


Similar Part No. - 7MBI40N-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI100N-060 FUJI-7MBI100N-060 Datasheet
199Kb / 8P
   IGBT(600V/100A)
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
   IGBT MODULE(1200V,50A)
7MBI75N-060 FUJI-7MBI75N-060 Datasheet
198Kb / 8P
   IGBT(600V/75A)
More results

Similar Description - 7MBI40N-120

ManufacturerPart #DatasheetDescription
logo
MacMic
MM40G3U120B MACMIC-MM40G3U120B Datasheet
626Kb / 5P
   1200V 40A IGBT
MM40G3T120B MACMIC-MM40G3T120B Datasheet
290Kb / 5P
   1200V 40A IGBT
MM40G3U120BX MACMIC-MM40G3U120BX Datasheet
625Kb / 5P
   1200V 40A IGBT
MMG40S120B6UC MACMIC-MMG40S120B6UC Datasheet
359Kb / 6P
   1200V 40A IGBT Module
logo
Rohm
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
   1200V 40A Field Stop Trench IGBT
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
   1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
   1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
   1200V 40A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
   Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
   Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com