Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXU-QC520R Datasheet(PDF) 8 Page - Fox Electronics

Part # FXU-QC520R
Description  LVPECL 5 x 3.2mm 2.5V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-QC520R Datasheet(HTML) 8 Page - Fox Electronics

Back Button FXU-QC520R Datasheet HTML 3Page - Fox Electronics FXU-QC520R Datasheet HTML 4Page - Fox Electronics FXU-QC520R Datasheet HTML 5Page - Fox Electronics FXU-QC520R Datasheet HTML 6Page - Fox Electronics FXU-QC520R Datasheet HTML 7Page - Fox Electronics FXU-QC520R Datasheet HTML 8Page - Fox Electronics FXU-QC520R Datasheet HTML 9Page - Fox Electronics FXU-QC520R Datasheet HTML 10Page - Fox Electronics FXU-QC520R Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-PC52 Series
Page 8 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
An additional identification code is contained internally if tracking should ever be necessary
Tape and Reel Dimensions
Labeling
(Reels and smaller packaging are labeled with the below)
 Fox Part Number: 852A-125-3
 Quantity:
2000
pieces
LOT #
24435
If traceability should become necessary
 Date Code
1335
(YYWW 2013 35
th wk)
852A-125-3
Ø1.5mm
4.0mm
8.0mm
7.5mm
16mm
2.15mm
12mm
5.5mm
1335
Description: FXU-PC525R-125
FXU-PC525R-125
2.0
255.0
13.5
80.0
2.0
Ø13.0
Ø21.0
120°
Ø21.0
Ø13.0
13.5
2.0
178.0
62.0
2.0
2.0
2k Reel Dimensions
1k Reel Dimensions
in mm
in mm


Similar Part No. - FXU-QC520R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-HC520R FOX-FXU-HC520R Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-HC525R FOX-FXU-HC525R Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-HC526R FOX-FXU-HC526R Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-HC528R FOX-FXU-HC528R Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXU-QC520R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com