Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-LC528R Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO-LC528R
Description  LVDS 5 x 3.2mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-LC528R Datasheet(HTML) 4 Page - Fox Electronics

  FXO-LC528R Datasheet HTML 1Page - Fox Electronics FXO-LC528R Datasheet HTML 2Page - Fox Electronics FXO-LC528R Datasheet HTML 3Page - Fox Electronics FXO-LC528R Datasheet HTML 4Page - Fox Electronics FXO-LC528R Datasheet HTML 5Page - Fox Electronics FXO-LC528R Datasheet HTML 6Page - Fox Electronics FXO-LC528R Datasheet HTML 7Page - Fox Electronics FXO-LC528R Datasheet HTML 8Page - Fox Electronics FXO-LC528R Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FXO-LC52 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Differential Output Voltage
VOD
0.75 MHz to 1.0 GHz
0.4V Typ.
Output Offset Voltage
VOS
Volts DC
1.25V Typ
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable (PIN # 1) Voltage
Note1
VIH
≥ 70% V
DD
Output Disable (PIN # 1) Voltage
Note1
VIL
≤ 30% V
DD
Cycle Rise Time (See Drawing Below)
TR
20%~80% Vp-p
400 pS
Cycle Fall Time (See Drawing Below)
TF
80%~20% Vp-p
400 pS
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
OUTPUT 1
OUTPUT 2
50% VP-P
1/2 Period
Period
Oscillator Symmetry
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
Rise Time / Fall Time Measurements
OUTPUT 1
OUTPUT 2
50% VP-P
OUTPUT 1
20% to 80%
OUTPUT 2
1/2 Period
Period
Oscillator Symmetry
TR
TF
1.25V Typ.
50% VP-P
0.4V
Typ.
P-P


Similar Part No. - FXO-LC528R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC528R-622.08 FOX-FXO-LC528R-622.08 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXO-LC528R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com