Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXTC-HE73LR Datasheet(PDF) 10 Page - Fox Electronics

Part # FXTC-HE73LR
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73LR Datasheet(HTML) 10 Page - Fox Electronics

Back Button FXTC-HE73LR Datasheet HTML 3Page - Fox Electronics FXTC-HE73LR Datasheet HTML 4Page - Fox Electronics FXTC-HE73LR Datasheet HTML 5Page - Fox Electronics FXTC-HE73LR Datasheet HTML 6Page - Fox Electronics FXTC-HE73LR Datasheet HTML 7Page - Fox Electronics FXTC-HE73LR Datasheet HTML 8Page - Fox Electronics FXTC-HE73LR Datasheet HTML 9Page - Fox Electronics FXTC-HE73LR Datasheet HTML 10Page - Fox Electronics FXTC-HE73LR Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 10 of 10
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
Environmental Testing
Parameter
Test Method
Mechanical Shock
MIL-STD-202, Method 213
Half sine wave (Figure 213-1)
Test condition C (100g, 6mS)
Mechanical Vibration
MIL-STD-202, Method 204
Freq.range: 10~2000Hz
Peak to peak amplitude:1.52mm.
Peak acceleration:5G (49m/s2)
3 direction(X, Y,Z),each 20min,Total 12cycles
High Temperature Burn-in
Under Power @ 125°C for 2000 Hours
Temperature Cycle
Power off
-55°C ~ +125°C
15 minutes each temp
100 cycles
Humidity
MIL-STD-202, Method 103B, Test condition B.
Power off
Relative Humidity = 90 to 95%.
Ta = 40C.
Duration = 96 hours.


Similar Part No. - FXTC-HE73LR

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73LR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com