Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXU-PC528R Datasheet(PDF) 4 Page - Fox Electronics

Part # FXU-PC528R
Description  LVPECL 5 x 3.2mm 2.5V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-PC528R Datasheet(HTML) 4 Page - Fox Electronics

  FXU-PC528R Datasheet HTML 1Page - Fox Electronics FXU-PC528R Datasheet HTML 2Page - Fox Electronics FXU-PC528R Datasheet HTML 3Page - Fox Electronics FXU-PC528R Datasheet HTML 4Page - Fox Electronics FXU-PC528R Datasheet HTML 5Page - Fox Electronics FXU-PC528R Datasheet HTML 6Page - Fox Electronics FXU-PC528R Datasheet HTML 7Page - Fox Electronics FXU-PC528R Datasheet HTML 8Page - Fox Electronics FXU-PC528R Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-PC52 Series
Page 4 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Low Output Voltage
VOL
0.016 MHz to 667 MHz
0.6V Typical
High Output Voltage
VOH
0.016 MHz to 667 MHz
1.35V Typical
Output Symmetry
@ 50% VP-P Level (See Drawing Below)
0.016 MHz to 250 MHz
250+ MHz to 667 MHz
45% ~ 55% Typical
40% ~ 60% Typical
Output Enable
Note1
(PIN # 1) Voltage
VIH
≥ 70% VDD
Output Disable
Note1
(PIN # 1) Voltage
VIL
≤ 30% VDD
Cycle Rise Time
(20%~80%VP-P - See Drawing Below)
TR
0.016 MHz to 667 MHz
360 pS Typical
Cycle Fall Time
(80%~20%VP-P - See Drawing Below)
TF
0.016 MHz to 667 MHz
250 pS Typical


Similar Part No. - FXU-PC528R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results

Similar Description - FXU-PC528R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com