Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBS204S17-12 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XBS204S17-12
Description  Schottky Barrier Diode, 2A, 40V Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS204S17-12 Datasheet(HTML) 1 Page - Torex Semiconductor

  XBS204S17-12 Datasheet HTML 1Page - Torex Semiconductor XBS204S17-12 Datasheet HTML 2Page - Torex Semiconductor XBS204S17-12 Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
XBS204S17R-G
Schottky Barrier Diode, 2A, 40V Type
■PACKAGING INFORMATION
Ta=25℃
Ta=25℃
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF1
IF=200μA
-
0.15
-
V
Forward Voltage
VF2
IF=2A
-
0.485
0.54
V
IR1
VR=20V
-
2.5
-
μA
Reverse Current
IR2
VR=40V
6
200
μA
Inter-Terminal Capacity
Ct
VR=1V , f=1MHz
-
180
-
pF
Reverse Recovery Time
*2
trr
IF=IR=10mA , irr=1mA
-
51
-
ns
*2:trr measurement circuit
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRM
40
V
Reverse Voltage (DC)
VR
40
V
Forward Current (Average)
IF(AVE)
2
A
Non Continuous
Forward Surge Current
*1
IFSM
50
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55~+150
PRODUCT NAME
DEVICE ORIENTATION
XBS204S17R-G
SMA (Halogen & Antimony free)
XBS204S17R
SMA
■ABSOLUTE MAXIMUM RATINGS
■APPLICATIONS
●Rectification
●Protection against reverse connection of battery
■MARKING RULE
■PRODUCT NAME
①②③④⑤⑥: 204S17(Product Number)
⑦⑧
: Assembly Lot Number
■FEATURES
Forward Voltage
: VF=0.485V (TYP.)
Forward Current
: IF(AVE)=2A
Repetitive Peak Reverse Voltage
: VRM=40V
ETR1612-002a
■ELECTRICAL CHARACTERISTICS
Pulse Generatrix
Bias
Device Under test
Oscilloscope
Cathode Bar
SMA
Unit: mm
* The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
* The device orientation is fixed in its embossed tape pocket.


Similar Part No. - XBS204S17-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS204S17 TOREX-XBS204S17 Datasheet
77Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17R TOREX-XBS204S17R Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17 TOREX-XBS204S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
More results

Similar Description - XBS204S17-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17 TOREX-XBS204S17 Datasheet
77Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17 TOREX-XBS204S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S19R-G TOREX-XBS204S19R-G Datasheet
147Kb / 4P
   Schottky Barrier Diode, 2A, 40V Type
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
   40V, 2A Schottky Barrier Rectifiers
logo
Torex Semiconductor
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
   Schottky Barrier Diode, 3A, 40V Type
XBS304S17-12 TOREX-XBS304S17-12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 3A, 40V Type
XBS024S15 TOREX-XBS024S15_12 Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS304S17 TOREX-XBS304S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 3A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com