Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP161A1265PR-12 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XP161A1265PR-12
Description  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP161A1265PR-12 Datasheet(HTML) 1 Page - Torex Semiconductor

  XP161A1265PR-12 Datasheet HTML 1Page - Torex Semiconductor XP161A1265PR-12 Datasheet HTML 2Page - Torex Semiconductor XP161A1265PR-12 Datasheet HTML 3Page - Torex Semiconductor XP161A1265PR-12 Datasheet HTML 4Page - Torex Semiconductor XP161A1265PR-12 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
XP161A1265PR-G
Power MOSFET
PRODUCTS
PACKAGE
ORDER UNIT
XP161A1265PR
SOT-89
1,000/Reel
XP161A1265PR-G
(*)
SOT-89
1,000/Reel
PARAMETER
SYMBOL RATINGS
UNITS
Drain-Source Voltage
Vdss
20
V
Gate-Source Voltage
Vgss
±12
V
Drain Current (DC)
Id
4
A
Drain Current (Pulse)
Idp
16
A
Reverse Drain Current
Idr
4
A
Channel Power Dissipation *
Pd
2
W
Channel Temperature
Tch
150
Storage Temperature
Tstg
-55~150
■GENERAL DESCRIPTION
The XP161A1265PR-G is an N-channel Power MOSFET with low on-state resistance and ultra high-speed switching characteristics.
Because high-speed switching is possible, the IC can be efficiently set thereby saving energy.
A gate protect diode is built-in to prevent static damage.
The small SOT-89 package makes high density mounting possible.
■APPLICATIONS
●Notebook PCs
●Cellular and portable phones
●On-board power supplies
●Li-ion battery systems
■FEATURES
Low On-State Resistance : Rds(on)=0.055Ω@ Vgs=4.5V
: Rds(on)=0.095Ω@ Vgs=2.5V
Ultra High-Speed Switching
Gate Protect Diode Built-in
Driving Voltage
: 2.5V
N-Channel Power MOSFET
DMOS Structure
Small Package
: SOT-89
Environmentally Friendly : EU RoHS Compliant, Pb Free
■PIN CONFIGURATION/
MARKING
■PRODUCT NAME
■ABSOLUTE MAXIMUM RATINGS
■EQUIVALENT CIRCUIT
Ta = 25℃
* When implemented on a ceramic PCB
ETR1123_003
G : Gate
S : Source
D : Drain
(*) The “-G” suffix denotes Halogen and Antimony free as well as
being fully RoHS compliant.
* x represents production lot number.


Similar Part No. - XP161A1265PR-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP161A1265PR-G TOREX-XP161A1265PR-G Datasheet
290Kb / 5P
   Power MOSFET
More results

Similar Description - XP161A1265PR-12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com