Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP202A0003MR-12 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XP202A0003MR-12
Description  P-channel 4V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP202A0003MR-12 Datasheet(HTML) 1 Page - Torex Semiconductor

  XP202A0003MR-12 Datasheet HTML 1Page - Torex Semiconductor XP202A0003MR-12 Datasheet HTML 2Page - Torex Semiconductor XP202A0003MR-12 Datasheet HTML 3Page - Torex Semiconductor XP202A0003MR-12 Datasheet HTML 4Page - Torex Semiconductor XP202A0003MR-12 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
XP202A0003MR-G
P-channel 4V (G-S) MOSFET
PRODUCT NAME
PACKAGE
ORDER UNIT
XP202A0003MR-G
SOT-23
3,000/Reel
PARMETER
SYMBOL
RATINGS
UNITS
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
-3
A
Drain Current(Pulse)
(* 1)
IDP
-12
A
Channel Power Dissipation
(*2)
Pd
1
W
Channel Temperature
Tch
+150
Storage Temperature
Tstg
- 55 ~ +150
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Drain-Source Breakdown Voltage
V(BR)DSS
ID=-1mA, VGS=0V
-30
-
-
V
Drain-Source Cut-Off Current
IDSS
VDS=-30V, VGS=0V
-
-
-1
μA
Gate-Source Leakage Current
IGSS
VGS=±16V,VDS=0V
-
-
±10
μA
Gate-Source Cut-Off Voltage
VGS(off)
VDS=-10V,ID=-1mA
-1.2
-
-2.6
V
Forward Transfer Admittance
|yfs|
VDS=-10V,ID=-3A
-
8.0
-
S
RDS(ON)1
ID=-1.5A,VGS=-10V
-
45
-
mΩ
RDS(ON)2
ID=-1.0A,VGS=-4.5V
-
67
-
mΩ
Drain-Source ON Resistance
RDS(ON)3
ID=-1.0A,VGS=-4V
-
76
-
mΩ
Input Capacity
Ciss
VDS=-10V,f=1MHz
-
435
-
pF
Output Capacity
Coss
VDS=-10V,f=1MHz
-
110
-
pF
Feedback capacity
Crss
VDS=-10V,f=1MHz
-
85
-
pF
Turn on Delay time
td(on)
ID=-1A
-
6
-
ns
Rise Time
tr
ID=-1A
-
12
-
ns
Turn off Delay Time
td(off)
ID=-1A
-
28
-
ns
Fall Time
tf
ID=-1A
-
10
-
ns
All Gate Charge Amount
Qg
VDS=-15V, VGS=-10V, ID=-3A
-
10
-
nC
Gate Source Charge Amount
Qgs
VDS=-15V, VGS=-10V, ID=-3A
-
1.2
-
nC
Gate Drain Charge Amount
Qgd
VDS=-15V, VGS=-10V, ID=-3A
-
2.2
-
nC
Diode Forward Voltage
VSD
IS=-3A, VGS=0V
-
-0.8
-1.2
V
Low On Resistance
Ultra High Speed Switching
4V Driving
EU RoHS Compliant, Pb Free
ETR1128-003
● Switching
■FEATURES
■ ELECTRICAL CHARACTERISTICS
■APPLICATIONS
■ ABSOLUTE MAXIMUM RATINGS
■PRODUCT NAME
■PIN CONFIGURATION
(*1)PW≦10μs,duty cycle≦1%
(*2)Ceramic Board (900mm2×0.8mm) Mounting
SOT-23(TOP VIEW)
1. Gate
2. Source
3. Drain
* The “-G” suffix indicates that the products are Halogen and
Antimony free as well as being fully RoHS compliant.


Similar Part No. - XP202A0003MR-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP202A0003MR-G TOREX-XP202A0003MR-G Datasheet
144Kb / 5P
   P-channel 4V (G-S) MOSFET
logo
VBsemi Electronics Co.,...
XP202A0003MR-G VBSEMI-XP202A0003MR-G Datasheet
492Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - XP202A0003MR-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP202A0003MR TOREX-XP202A0003MR_12 Datasheet
144Kb / 5P
   P-channel 4V (G-S) MOSFET
XP202A0003PR TOREX-XP202A0003PR_12 Datasheet
162Kb / 5P
   P-channel 4V (G-S) MOSFET
XP202A0003PR-12 TOREX-XP202A0003PR-12 Datasheet
162Kb / 5P
   P-channel 4V (G-S) MOSFET
logo
Vishay Siliconix
SI8429DB VISHAY-SI8429DB Datasheet
212Kb / 4P
   P-Channel 1.2V (G-S) MOSFET
Rev. A, 21-Jan-08
SI3447DV VISHAY-SI3447DV Datasheet
246Kb / 3P
   P-Channel 1.8V (G-S) MOSFET
Rev. B, 21-Mar-05
SI4465DY VISHAY-SI4465DY Datasheet
61Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI2331DS VISHAY-SI2331DS Datasheet
231Kb / 3P
   P-Channel 1.8-V (G-S) MOSFET
30-Apr-04
SI4403BDY VISHAY-SI4403BDY Datasheet
53Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6469DQ VISHAY-SI6469DQ Datasheet
53Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Feb-99
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com