Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM125 Datasheet(PDF) 3 Page - StarHope

Part # MSM125
Description  Surface Mount Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

MSM125 Datasheet(HTML) 3 Page - StarHope

  MSM125 Datasheet HTML 1Page - StarHope MSM125 Datasheet HTML 2Page - StarHope MSM125 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Termination pad characteristics
Terminal pad materials
Tin-Plated Nickle-Copper or Gold-Plated Nickle-Copper
Terminal pad solderability
Meets EIA specification RS186-9E and ANSI/J-STD-002 Category 3.
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Recommended Solder Reflow Conditions
Soldering
‧Recommended reflow methods:IR, vapor phase oven, hot air oven.
‧Devices are not designed to be wave soldered to the bottom side
of the board.
‧Recommended maximum paste thickness is 0.25 mm (0.010 inch).
‧Devices can be cleaned using standard method and solvents.
Note:If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
mSMD
mSMD SeriesPreheating
Cooling
Derating Curves for mSMD Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
60-120
sec.
120
sec.
30-60
sec.
300
200
160
0
250
190
100
Average Time Current Curves
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Current In Amperes
0.10A
0.14A
0.20A
0.30A
0.50A
0.75A
1.10A
1.25A
1.50A
2.00A
2.50A
2.60A
Package Information
Reel:
MSM010~350
1500pcs/reel
PPTC/MSM Series
03 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - MSM125

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM10.5W6 LITTELFUSE-MSM10.5W6 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM10.7W6 LITTELFUSE-MSM10.7W6 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Vishay Siliconix
MSM10A VISHAY-MSM10A Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MSM10C VISHAY-MSM10C Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
logo
OKI electronic componet...
MSM10S0000 OKI-MSM10S0000 Datasheet
47Kb / 7P
   0.8um CMOS
More results

Similar Description - MSM125

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
   Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com