Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM260 Datasheet(PDF) 1 Page - StarHope

Part # SM260
Description  Surface Mount Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SM260 Datasheet(HTML) 1 Page - StarHope

  SM260 Datasheet HTML 1Page - StarHope SM260 Datasheet HTML 2Page - StarHope SM260 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Applications
Surface Mount Devices
Almost anywhere there is a low voltage
Lead free deivce
power supply, up to DC60V and a load
Size 7555mm/2920 mils
to be protested, including:
Surface Mount packaging for automated assembly
Computer mother board, Modem.
Agency recognition:
Telecommunication equipments
D
min
max
min
max
min
max
min
SM030
6.73
7.98
4.80
5.44
0.60
1.30
0.30
Dimensions (mm)
A
B
C
Product dimensions (mm)
Model
SM050
6.73
7.98
4.80
5.44
0.60
1.30
0.30
SM075
6.73
7.98
4.80
5.44
0.60
1.30
0.30
SM100
6.73
7.98
4.80
5.44
0.40
1.00
0.30
SM125
6.73
7.98
4.80
5.44
0.40
0.90
0.30
SM150
6.73
7.98
4.80
5.44
0.40
0.90
0.30
SM185
6.73
7.98
4.80
5.44
0.30
0.90
0.30
SM200
6.73
7.98
4.80
5.44
0.30
0.90
0.30
SM250
6.73
7.98
4.80
5.44
0.30
0.90
0.30
SM260
6.73
7.98
4.80
5.44
0.30
0.90
0.30
SM300
6.73
7.98
4.80
5.44
0.60
1
.30
0.30
Test
Passive aging
Humidity aging
Thermal shock
Resistance to solvent
Vibration
Maximum surface of the device in the tripped state is 125℃
No change
Environmental Specifications
Conditions
Resistance change
85℃,1000hrs
MIL-STD-202,Method 201
No change
Ambient operating confitions:-40℃ to 85℃
±5% typical
85℃,85%℃R.H.,168hrs
±5% typical
85℃,to-40℃,13times
±33% typical
MIL-STD-202,Method 215
5.1 ±0.1
2.3 ±0.1
2.3 ±0.1
PPTC/SM Series
01 | www.spsemi.cn
Z Z Z L
B
D
A
C
REV.2014.05.01


Similar Part No. - SM260

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM260 DCCOM-SM260 Datasheet
420Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Sinopower Semiconductor...
SM2601PSC SINOPWER-SM2601PSC Datasheet
168Kb / 11P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM2601PSC VBSEMI-SM2601PSC Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SM260

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com