Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2648 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2648
Description  Silicon Complementary Transistors General Purpose Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2648 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2648 Datasheet HTML 1Page - NTE Electronics NTE2648 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2647 (PNP) & NTE2648 (NPN)
Silicon Complementary Transistors
General Purpose Amp
Features:
D High Transition Frequency
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector−Base Voltage, VCBO
230V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector−Emitter Voltage, VCEO
230V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter−Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation, PC
TA = +25°C
2.0W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = +25°C
20W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−55° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Collector Cutoff Current
ICBO
VCB = 230V, IE = 0
1.0
µA
Emitter Cutoff Current
IEBO
VEB = V, IC = 0
1.0
µA
Collector−Emitter Breakdown Voltage V(BR)CEO IC = 10mA, IB = 0
230
V
DC Current Gain
hFE
VCE = 5V, IC = 100mA
100
320
Collector−Emitter Saturation Voltage VCE(sat) IC = 500mA, IB = 50mA
1.5
V
Base−Emitter Voltage
VBE
VCE = 5V, IC = 500mA
1.0
V
Transition Frequency
NTE2747
fT
VCE = 10V, IC = 100mA
70
MHz
NTE2748
100
MHz
Collector Output Capacitance
NTE2647
Cob
VCB = 10V, IE = 0, f = 1MHz
30
pF
NTE2748
20
pF


Similar Part No. - NTE2648

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE264 NTE-NTE264 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2640 NTE-NTE2640 Datasheet
23Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output
NTE2641 NTE-NTE2641 Datasheet
24Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs
NTE2642 NTE-NTE2642 Datasheet
23Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output High Speed Switch
NTE2643 NTE-NTE2643 Datasheet
22Kb / 2P
   Silicon NPN Transistor, VHF/UHF Low Noise Amp (Surface Mount)
More results

Similar Description - NTE2648

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE129P NTE-NTE129P Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE128P NTE-NTE128P Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
   Silicon Complementary Transistors General Purpose
NTE49 NTE-NTE49 Datasheet
27Kb / 2P
   Silicon Complementary Transistors General Purpose, High Voltage Amp, Driver
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE2363 NTE-NTE2363 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current General Purpose Amp/Switch
NTE2416 NTE-NTE2416 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Current General Purpose Amp/Switch
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com