Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K60-110F Datasheet(PDF) 2 Page - StarHope

Part # K60-110F
Description  Radial leaded Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

K60-110F Datasheet(HTML) 2 Page - StarHope

  K60-110F Datasheet HTML 1Page - StarHope K60-110F Datasheet HTML 2Page - StarHope K60-110F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
R1max
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(Ω)
(Ω )
(Ω)
K60-005
0.05
0.10
60
40
0.30
0.25
5
7.30
20.00
30.00
K60-010
0.10
0.20
60
40
0.38
0.50
5
2.50
7.50
12.00
K60-017
0.17
0.34
60
40
0.48
0.85
5
2.00
5.21
8.00
K60-020
0.20
0.40
60
40
0.41
1.00
5
1.50
2.84
4.49
K60-025
0.25
0.50
60
40
0.45
1.25
5
1.00
1.95
3.00
K60-030
0.30
0.60
60
40
0.49
1.50
5
0.76
1.38
2.20
K60-040
0.40
0.80
60
40
0.56
2.00
5
0.55
0.88
1.40
K60-050
0.50
1.00
60
40
0.77
2.50
5
0.50
0.79
1.20
K60-065
0.65
1.30
60
40
0.88
3.25
5
0.31
0.50
0.74
K60-075
0.75
1.50
60
40
0.92
3.75
5
0.25
0.42
0.62
K60-090
0.90
1.80
60
40
0.99
4.50
5
0.20
0.33
0.49
K60-110Y
1.10
2.20
60
40
0.15
5.50
8
0.15
0.27
0.40
K60-110F
1.10
2.20
60
40
0.15
5.50
8
0.15
0.27
0.40
K60-135
1.35
2.70
60
40
0.12
6.75
8
0.12
0.21
0.32
K60-160
1.60
3.20
60
40
0.09
8.00
8
0.09
0.16
0.24
K60-185
1.85
3.70
60
40
0.08
9.25
8
0.08
0.14
0.21
K60-200
2.00
4.00
60
40
0.07
10.00
8
0.07
0.14
0.21
K60-250
2.50
5.00
60
40
0.05
12.50
8
0.05
0.10
0.15
K60-300
3.00
6.00
60
40
0.04
15.00
8
0.04
0.08
0.12
K60-375
3.75
7.50
60
40
0.03
18.75
24
0.03
0.06
0.10
K60-500
5.00
10.00
60
40
0.02
25.00
24
0.02
0.06
0.10
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
-40
-20
0
25
40
50
60
70
80
0.077
0.069
0.061
0.050
0.044
0.040
0.036
0.032
0.025
0.18
0.15
0.13
0.10
0.08
0.07
0.06
0.05
0.03
0.28
0.24
0.20
0.17
0.14
0.12
0.10
0.09
0.06
0.34
0.29
0.25
0.20
0.16
0.14
0.13
0.10
0.07
0.42
0.36
0.31
0.25
0.20
0.18
0.16
0.12
0.09
0.52
0.44
0.38
0.30
0.24
0.22
0.18
0.14
0.10
0.66
0.57
0.50
0.40
0.32
0.29
0.24
0.20
0.14
0.83
0.74
0.63
0.50
0.41
0.36
0.30
0.25
0.18
1.10
0.95
0.82
0.65
0.53
0.47
0.40
0.33
0.24
1.26
1.11
0.95
0.75
0.61
0.54
0.45
0.39
0.28
1.52
1.30
1.15
0.90
0.73
0.65
0.55
0.47
0.33
1.82
1.60
1.35
1.10
0.90
0.79
0.65
0.55
0.40
1.82
1.60
1.35
1.10
0.90
0.79
0.65
0.55
0.40
2.20
1.91
1.65
1.35
1.09
0.96
0.80
0.68
0.50
2.60
2.30
1.95
1.60
1.30
1.13
1.00
0.80
0.60
3.00
2.63
2.30
1.85
1.50
1.33
1.12
0.92
0.67
3.21
2.72
2.38
2.00
1.62
1.44
1.26
1.08
0.80
4.05
3.58
3.02
2.50
2.02
1.80
1.55
1.30
0.90
4.82
4.16
3.62
3.00
2.43
2.16
1.85
1.50
1.09
6.02
5.19
4.50
3.75
3.02
2.68
2.30
1.95
1.39
8.00
6.80
5.95
5.00
4.05
3.60
3.15
2.70
2.00
K60-500
Thermal Derating Chart-IH(A)
Maximum ambidnt operating temperatures(℃)
K60-160
K60-185
K60-200
K60-250
K60-300
K60-375
K60-065
K60-075
K60-090
K60-110Y
K60-110F
K60-135
K60-017
K60-020
K60-025
K60-030
K60-040
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
K60-050
Part number
K60-005
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
K60-010
Part
number
Hold Current:Maximum current device will not trip in 25℃ still air.
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip
Resistance
Electrical characteristics(25℃)
PPTC/K60 Series
02 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - K60-110F

ManufacturerPart #DatasheetDescription
logo
StarHope
K600 SPSEMI-K600 Datasheet
1Mb / 2P
   Radial leaded Devices
logo
Sensata Technologies, I...
K600 SENSATA-K600 Datasheet
1Mb / 4P
   PLATFORM CONTROL SYSTEM FOR BATTERY POWERED SCISSOR LIFT
logo
StarHope
K600-110U SPSEMI-K600-110U Datasheet
1Mb / 2P
   Radial leaded Devices
K600-150U SPSEMI-K600-150U Datasheet
1Mb / 2P
   Radial leaded Devices
K600-160U SPSEMI-K600-160U Datasheet
1Mb / 2P
   Radial leaded Devices
More results

Similar Description - K60-110F

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LB120F LEIDITECH-LB120F Datasheet
349Kb / 2P
   Radial leaded devices
logo
StarHope
K600 SPSEMI-K600 Datasheet
1Mb / 2P
   Radial leaded Devices
logo
Shanghai Leiditech Elec...
LB250LVF LEIDITECH-LB250LVF Datasheet
361Kb / 2P
   Radial leaded devices
LB600LVF LEIDITECH-LB600LVF Datasheet
473Kb / 2P
   Radial leaded devices
logo
StarHope
K250 SPSEMI-K250 Datasheet
1Mb / 3P
   Radial leaded Devices
K30 SPSEMI-K30 Datasheet
1Mb / 3P
   Radial leaded Devices
logo
Bourns Electronic Solut...
MF-R250 BOURNS-MF-R250 Datasheet
137Kb / 5P
   Radial Leaded Devices
logo
Shanghai Leiditech Elec...
LB800LVF LEIDITECH-LB800LVF Datasheet
425Kb / 2P
   Radial leaded devices
logo
StarHope
K16 SPSEMI-K16 Datasheet
1,021Kb / 2P
   Radial leaded Devices
logo
Tyco Electronics
BBRF550 MACOM-BBRF550_1 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com