Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP25RA120 Datasheet(PDF) 2 Page - Fuji Electric

Part # 7MBP25RA120
Description  IGBT-IPM(1200V/25A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP25RA120 Datasheet(HTML) 2 Page - Fuji Electric

  7MBP25RA120 Datasheet HTML 1Page - Fuji Electric 7MBP25RA120 Datasheet HTML 2Page - Fuji Electric 7MBP25RA120 Datasheet HTML 3Page - Fuji Electric 7MBP25RA120 Datasheet HTML 4Page - Fuji Electric 7MBP25RA120 Datasheet HTML 5Page - Fuji Electric 7MBP25RA120 Datasheet HTML 6Page - Fuji Electric 7MBP25RA120 Datasheet HTML 7Page - Fuji Electric 7MBP25RA120 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7MBP25RA120
IGBT-IPM
Electrical characteristics of control circuit(at Tc=Tj=25°C, Vcc=15V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply current of P-line side Pre-driver(one unit)
Power supply current of N-line side three Pre-driver
Input signal threshold voltage (on/off)
Input zener voltage
Over heating protection temperature level
Hysteresis
IGBT chips over heating protection temperature level
Hysteresis
Collector current protection level
INV
DB
Over current protection delay time
Under voltage protection level
Hysteresis
Alarm signal hold time
SC protection delay time
Limiting resistor for alarm
fsw=0 to 15kHz Tc=-20 to 100°C *7
fsw=0 to 15kHz Tc=-20 to 100°C *7
ON
OFF
Rin=20k ohm
VDC=0V, Ic=0A, Case temperature Fig.1
surface of IGBT chips
Tj=125°C
Tj=125°C
Tj=25°C Fig.2
Tj=25°C Fig.3
Iccp
ICCN
Vin(th)
VZ
TCOH
TCH
TjOH
TjH
IOC
IOC
tDOC
VUV
VH
tALM
tSC
RALM
3
10
1.00
1.25
-
110
-
150
-
38
23
-
11.0
0.2
1.5
-
1425
-
-
1.35
1.60
8.0
-
20
-
20
-
-
10
-
-
2
-
1500
18
65
1.70
1.95
-
125
-
-
-
-
-
-
12.5
-
-
12
1575
mA
mA
V
V
V
°C
°C
°C
°C
A
A
µs
V
V
ms
µs
ohm
Dynamic characteristics(at Tc=Tj=125°C, Vcc=15V)
Item
Symbol Condition
Min.
Typ.
Max.
Unit
Switching time (IGBT)
Switching time (FWD)
ton
IC=25A, VDC=600V
toff
trr
IF=25A, VDC=600V
0.3
-
-
-
-
3.6
-
-
0.4
µs
µs
µs
Thermal characteristics(Tc=25°C)
Item
Symbol
Typ.
Max.
Unit
Junction to Case thermal resistance
Case to fin thermal resistance with compound
Rth(j-c)
Rth(j-c)
Rth(j-c)
Rth(c-f)
-
0.63
-
1.33
-
1.04
0.05
-
°C/W
°C/W
°C/W
°C/W
INV
IGBT
FWD
DB
IGBT
Item
Symbol
Min.
Typ.
Max.
Unit
DC bus voltage
Operating power supply voltage range of Pre-driver
Switching frequency of IPM
Screw torque
Mounting (M5)
Terminal (M5)
VDC
200
-
800
V
VCC
13.5
15
16.5
V
fSW
1
-
20
kHz
-
2.5
-
3.0
N·m
-
2.5
-
3.0
N·m
Recommendable value
*7 Switching frequency of IPM


Similar Part No. - 7MBP25RA120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7MBP25RJ120 ETC2-7MBP25RJ120 Datasheet
374Kb / 9P
   IGBT IPM R-series 1200V class 1200V / 25A 7 in one-package
logo
Fuji Electric
7MBP25RJ120 FUJI-7MBP25RJ120 Datasheet
377Kb / 9P
   IGBT IPM R-series 1200V class
More results

Similar Description - 7MBP25RA120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP25RA120 FUJI-6MBP25RA120 Datasheet
350Kb / 7P
   IGBT-IPM(1200V/25A)
6MBP25VBA120-50 FUJI-6MBP25VBA120-50 Datasheet
871Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VDA120-50 FUJI-6MBP25VDA120-50 Datasheet
589Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
7MBP25VDA120-50 FUJI-7MBP25VDA120-50 Datasheet
699Kb / 11P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VAA120-50 FUJI-6MBP25VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBI25L-120 FUJI-6MBI25L-120 Datasheet
128Kb / 4P
   IGBT(1200V 25A)
logo
MacMic
MM25G3T120B MACMIC-MM25G3T120B Datasheet
289Kb / 5P
   1200V 25A IGBT
logo
Fuji Electric
6MBI25S-120 FUJI-6MBI25S-120 Datasheet
519Kb / 4P
   IGBT(1200V/25A)
6MBI25LB-120 FUJI-6MBI25LB-120 Datasheet
272Kb / 4P
   IGBT(1200V 25A)
logo
MacMic
MM25G3U120BX MACMIC-MM25G3U120BX Datasheet
273Kb / 3P
   1200V 25A IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com