Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9301 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE9301
Description  3500 MHz Low Power UltraCMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9301 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE9301 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE9301 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE9301 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE9301 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE9301 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE9301 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE9301 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document No. 70-0039-02
│ www.psemi.com
Page 1 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
The PE9301 is a high performance monolithic UltraCMOS™
prescaler with a fixed divide ratio of 2. Its operating frequency
range is 1500 MHz to 3500 MHz. The PE9301 operates on a
nominal 3 V supply and draws only 13 mA. It is packaged in a
small 8-lead CSOIC and is ideal for Space microwave PLL
synthesis solutions.
The PE9301 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
3500 MHz Low Power UltraCMOS™
Divide-by-2 Prescaler
Rad-hard for Space Applications
Product Description
Figure 1. Functional Diagram
Features
High-frequency operation: 1500 MHz
to 3500 MHz
Fixed divide ratio of 2
Low-power operation: 13 mA typical
@ 3 V across frequency
Small package: 8-lead SOIC
Low Cost
Table 1. Electrical Specifications @ +25 °C (ZS = ZL = 50 Ω)
PE9301
Figure 2. Package Type
8-lead CSOIC
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
13
15
mA
Input Frequency (FIN)
PIN = -5 dBm min.
1.5
3.5
GHz
Input Power (PIN)
FIN = 1.5 to 3.5 GHz
-5
+5
dBm
Output Power
-10
dBm
PREAMP
DRIVER
OUTPUT BUFFER
D
Q
CLK
CLKB
QB
OFF-CHIP
BYPASS
IN
INB
OUT
DEC
DEC


Similar Part No. - PE9301

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE9301 PEREGRINE-PE9301 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Pasternack Enterprises,...
PE9301 PASTERNACK-PE9301 Datasheet
110Kb / 1P
   GR874 TO C FEMALE
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9301-EK PEREGRINE-PE9301-EK Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
More results

Similar Description - PE9301

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com