Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R8-30BL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN1R8-30BL
Description  N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R8-30BL Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN1R8-30BL Datasheet HTML 1Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 2Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 3Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 4Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 5Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 6Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 7Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 8Page - NXP Semiconductors PSMN1R8-30BL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PSMN1R8-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 March 2012
5 of 15
NXP Semiconductors
PSMN1R8-30BL
N-channel 30 V, 1.8 m
Ω logic level MOSFET in D2PAK
6.
Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
see Figure 4
-
0.3
0.56
K/W
Rth(j-a)
thermal resistance from junction to
ambient
Minimum footprint; mounted on
a printed-circuit board
-50
-K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration; typical
values
003aad080
10
-4
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
single shot
0.02
0.05
0.1
0.2
δ = 0.5
tp
T
P
t
tp
T
δ =


Similar Part No. - PSMN1R8-30BL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN1R8-30BL ISC-PSMN1R8-30BL Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN1R8-30BL NEXPERIA-PSMN1R8-30BL Datasheet
812Kb / 15P
   N-channel 30 V, 1.8 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
More results

Similar Description - PSMN1R8-30BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL Datasheet
233Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN1R8-30BL NEXPERIA-PSMN1R8-30BL Datasheet
812Kb / 15P
   N-channel 30 V, 1.8 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN022-30BL PHILIPS-PSMN022-30BL Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN2R0-30BL PHILIPS-PSMN2R0-30BL_15 Datasheet
214Kb / 15P
   N-channel 30 V 2.1 m logic level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL_15 Datasheet
233Kb / 15P
   N-channel 30 V 3.0 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN3R4-30BL PHILIPS-PSMN3R4-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V 3.3 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com