Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP75RA-060 Datasheet(PDF) 2 Page - Fuji Electric

Part # 7MBP75RA-060
Description  Intelligent Power Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP75RA-060 Datasheet(HTML) 2 Page - Fuji Electric

  7MBP75RA-060 Datasheet HTML 1Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 2Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 3Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 4Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 5Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 6Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 7Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 8Page - Fuji Electric 7MBP75RA-060 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7MBP 75RA-060
IGBT IPM
600V
6×75A+DB
Thermal Characteristics
Items
Symbols
Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Inverter IGBT
0.39
Rth(j-c)
Diode
0.90
Rth(j-c)
DB IGBT
0.63
Rth(c-f)
With Thermal Compound
0.05
n
n Equivalent Circuit
Drivers include following functions
À Short circuit protection circuit
Á Amplifier for driver
 Undervoltage protection circuit
à Overcurrent protection circuit
Ä IGBT Chip overheating protection
Thermal Resistance
°C/W


Similar Part No. - 7MBP75RA-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75RA060 FUJI-7MBP75RA060 Datasheet
1Mb / 8P
   IGBT-IPM R series 600V / 75A 7 in one-package
7MBP75RA120 FUJI-7MBP75RA120 Datasheet
404Kb / 8P
   IGBT-IPM(1200V/75A)
More results

Similar Description - 7MBP75RA-060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
   Intelligent Power Module
Rev.1.0 July 2021
logo
Fuji Electric
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
   Intelligent Power Module
6MBP150RA-060 FUJI-6MBP150RA-060 Datasheet
365Kb / 7P
   Intelligent Power Module
logo
ON Semiconductor
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5U4UF90D-E ONSEMI-STK5U4UF90D-E Datasheet
593Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com