Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLD12HBC7W1 Datasheet(PDF) 2 Page - Rohm

Part # SMLD12HBC7W1
Description  Surface Mount Chip LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLD12HBC7W1 Datasheet(HTML) 2 Page - Rohm

  SMLD12HBC7W1 Datasheet HTML 1Page - Rohm SMLD12HBC7W1 Datasheet HTML 2Page - Rohm SMLD12HBC7W1 Datasheet HTML 3Page - Rohm SMLD12HBC7W1 Datasheet HTML 4Page - Rohm SMLD12HBC7W1 Datasheet HTML 5Page - Rohm SMLD12HBC7W1 Datasheet HTML 6Page - Rohm SMLD12HBC7W1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCTS
Surface Mount
Chip LED
TYPE
SMLD12HBC7W1
PAGE
7.
CHROMATICITY DIAGRAM
8.
CHROMATICITY COORDIMATES
(Ta=25℃, IF=5mA)
9.
PRODUCT WEIGHT
Product weight per piece, approx 0.0013grm.
REV.:
SPECIFICATION No.:
TENTATIVE(20091125)
TSZ22111・05・002
A
B
C
x
y
x
y
x
y
0.430
0.242
0.460
0.262
0.490
0.282
0.430
0.195
0.460
0.215
0.490
0.235
0.460
0.215
0.490
0.235
0.520
0.255
0.460
0.262
0.490
0.282
0.520
0.302
Measurement tolerance : ±0.02
0.18
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
CIE x
A
C
B


Similar Part No. - SMLD12HBC7W1

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLD12HBC7W ROHM-SMLD12HBC7W Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
More results

Similar Description - SMLD12HBC7W1

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14VTT86A ROHM-SML-Z14VTT86A Datasheet
451Kb / 11P
   Surface Mount Chip LED
SCMP13WBC8W1 ROHM-SCMP13WBC8W1 Datasheet
252Kb / 11P
   Surface Mount Chip LED
SML-J14DT ROHM-SML-J14DT Datasheet
355Kb / 12P
   Surface Mount Chip LED
SMLP13WBC8W1 ROHM-SMLP13WBC8W1 Datasheet
246Kb / 12P
   Surface Mount Chip LED
logo
Yellow Stone Corp
BL-HE134C YSTONE-BL-HE134C Datasheet
515Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HE136A YSTONE-BL-HE136A Datasheet
260Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-HB536G-TRB_V1 BRIGHT-BL-HB536G-TRB_V1 Datasheet
345Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
BL-HF033-TR BRIGHT-BL-HF033-TR Datasheet
310Kb / 7P
   SURFACE MOUNT CHIP LED LAMP
BL-HF035A-TRB BRIGHT-BL-HF035A-TRB_2 Datasheet
309Kb / 7P
   SURFACE MOUNT CHIP LED LAMP
BL-HG033A-AV-TRB BRIGHT-BL-HG033A-AV-TRB Datasheet
355Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com