Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN4R5-40BS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN4R5-40BS
Description  N-channel 40 V 4.5 m standard level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN4R5-40BS Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN4R5-40BS Datasheet HTML 1Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 2Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 3Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 4Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 5Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 6Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 7Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 8Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PSMN4R5-40BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 March 2012
4 of 15
NXP Semiconductors
PSMN4R5-40BS
N-channel 40 V 4.5 m
Ω standard level MOSFET in D2PAK
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aad297
1
10
10
2
10
3
10
-1
1
10
10
2
VDS (V)
ID
(A)
Limit RDSon = VDS / ID
DC
100 ms
10 ms
1 ms
100
μs
(1)
t
p =10 μ s


Similar Part No. - PSMN4R5-40BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN4R5-40BS NEXPERIA-PSMN4R5-40BS Datasheet
817Kb / 15P
   N-channel 40 V 4.5 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
More results

Similar Description - PSMN4R5-40BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN4R5-40BS NEXPERIA-PSMN4R5-40BS Datasheet
817Kb / 15P
   N-channel 40 V 4.5 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN4R4-80BS NEXPERIA-PSMN4R4-80BS Datasheet
819Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN2R2-40BS PHILIPS-PSMN2R2-40BS Datasheet
220Kb / 15P
   N-channel 40 V 2.2 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R8-40BS NXP-PSMN2R8-40BS Datasheet
222Kb / 15P
   N-channel 40 V 2.9 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R2-40BS PHILIPS-PSMN2R2-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 2.2 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
logo
Nexperia B.V. All right...
PSMN8R0-40BS NEXPERIA-PSMN8R0-40BS Datasheet
973Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R1-40BS PHILIPS-PSMN1R1-40BS_15 Datasheet
228Kb / 14P
   N-channel 40 V 1.3 m廓 standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN8R0-40BS PHILIPS-PSMN8R0-40BS_15 Datasheet
232Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com