Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42720 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE42720
Description  UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42720 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE42720 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42720 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE42720
Page 2 of 11
Document No. DOC-12514-2 │ UltraCMOS® RFIC Solutions
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Electrical Specifications @ 25°C, VDD = 3.0V (ZS = ZL = 75Ω )
Notes: 1. The input 1dB compression point is a linearity figure of merit. Refer to Table 3 for the RF input power PIN
2.
Measured in a 50Ω system
3. Measured with a 3 ns rise time, 0/3V pulse and 500 MHz bandwidth
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating frequency
5
3000
MHz
Insertion loss
RFC–RFX
5–100 MHz
100–1000 MHz
1000–2000 MHz
2000–3000 MHz
0.6
0.7
0.8
1.0
0.8
0.9
1.0
1.3
dB
dB
dB
dB
Isolation
RFX–RFX
5–100 MHz
100–1000 MHz
1000–2000 MHz
2000–3000 MHz
68
63
60
58
70
65
62
60
dB
dB
dB
dB
Isolation
RFC–RFX
5–100 MHz
100–1000 MHz
1000–2000 MHz
2000–3000 MHz
68
63
62
61
70
65
64
63
dB
dB
dB
dB
Return loss
All ports
5–2500 MHz
2500–3000 MHz
20
14
dB
dB
Input 1 dB compression point1,2
RFC–RFX
All bands, 100% duty cycle
30
31
dBm
CTB / CSO
159 channels; 42 dBmV per channel output power
-104
dBc
Video feedthrough3
DC measurement
5
mVPP
Switching time
50% CTRL to 90% or 10% RF
1500
2100
ns


Similar Part No. - PE42720

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720 Datasheet
390Kb / 11P
   UltraCMOS SPDT RF Switch
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720_15 Datasheet
390Kb / 11P
   SPDT RF Switch
More results

Similar Description - PE42720

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556 Datasheet
308Kb / 10P
   UltraCMOS
PE42721 PEREGRINE-PE42721 Datasheet
297Kb / 12P
   UltraCMOS
PE4150 PEREGRINE-PE4150 Datasheet
579Kb / 10P
   UltraCMOS
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
   UltraCMOS
PE42422 PEREGRINE-PE42422 Datasheet
361Kb / 13P
   UltraCMOS
PE42430 PEREGRINE-PE42430 Datasheet
413Kb / 11P
   UltraCMOS
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com