Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2120-391K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM2120-391K
Description  SMT High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM2120-391K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM2120-391K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd. Gardena, CA 90247-1059 • Phone (310) 515-1720 • FAX (310) 515-1962
wwww.jwmiller.com
10.2
SMT High Current Toroid Inductors
Special Features
• DC-DC converter, EMI filter applications
• Low radiation
• Low core loss
• High current capacity
• Ideal for reflow soldering
• Low cost
• Operating temperature -55 to +105°C
Notes
* Current to cause 30°C maximum
temperature rise
PM2120 Series
Part
Number
L (uH)
@ 1KHz
±20%
Idc*
(A)
L (uH)
@ Rated I
±20%
DCR
(Ω)
Max.
Dim.
A
Max.
PM2120-1R0M
1.0
25.4
0.9
0.002
0.82
PM2120-1R2M
1.2
25.4
1.1
0.002
0.82
PM2120-1R5M
1.5
22.0
1.3
0.003
0.82
PM2120-1R8M
1.8
22.0
1.5
0.003
0.82
PM2120-2R2M
2.2
19.7
1.8
0.003
0.82
PM2120-2R7M
2.7
19.7
2.2
0.003
0.82
PM2120-3R3M
3.3
18.0
2.6
0.004
0.82
PM2120-3R9M
3.9
18.0
3.1
0.004
0.82
PM2120-4R7M
4.7
16.6
3.7
0.005
0.82
PM2120-5R6M
5.6
15.6
4.2
0.005
0.82
PM2120-6R8M
6.8
14.7
5.0
0.006
0.82
PM2120-8R2M
8.2
14.7
6.1
0.006
0.82
±10%
±10%
PM2120-100K
10
13.9
7.2
0.007
0.82
PM2120-120K
12
12.7
8.3
0.008
0.82
PM2120-150K
15
12.2
10.2
0.009
0.82
PM2120-180K
18
11.8
12.0
0.009
0.82
PM2120-220K
22
11.0
14.2
0.011
0.82
PM2120-270K
27
10.4
16.9
0.012
0.82
PM2120-330K
33
10.1
20.3
0.013
0.82
PM2120-390K
39
9.6
23.3
0.014
0.82
PM2120-470K
47
8.2
29.2
0.019
0.79
PM2120-560K
56
7.9
33.9
0.021
0.79
PM2120-680K
68
6.7
42.2
0.029
0.77
PM2120-820K
82
6.4
49.5
0.032
0.87
PM2120-101K
100
6.1
58.7
0.035
0.87
PM2120-121K
120
5.8
68.1
0.039
0.87
PM2120-151K
150
5.5
82.5
0.043
0.87
PM2120-181K
180
5.3
96.2
0.047
0.83
PM2120-221K
220
5.0
113.7
0.052
0.83
PM2120-271K
270
4.2
144.5
0.072
0.80
PM2120-331K
330
3.6
183.4
0.100
0.78
PM2120-391K
390
3.5
211.6
0.108
0.78
PM2120-471K
470
3.3
247.1
0.119
0.85
PM2120-561K
560
3.2
285.8
0.130
0.85
PM2120-681K
680
3.0
336.3
0.142
0.85
PM2120-821K
820
2.9
392.5
0.157
0.85
PM2120-102K
1000
2.5
499.7
0.215
0.82
Also available as RoHS compliant.
A
1.20
1.00
Max.
0.20
0.70
0.90
Pad Layout
Dimensions: Inches


Similar Part No. - PM2120-391K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM2120-391K-RC BOURNS-PM2120-391K-RC Datasheet
187Kb / 2P
   High Current SMD Power Inductors
More results

Similar Description - PM2120-391K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com