Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP385ECA-L-TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP385ECA-L-TR
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECA-L-TR Datasheet(HTML) 2 Page - Exar Corporation

  SP385ECA-L-TR Datasheet HTML 1Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 2Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 3Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 4Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 5Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 6Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 7Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 8Page - Exar Corporation SP385ECA-L-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC................................................................... +6.0V
V+ .............................................(Vcc-0.3V) to +13.2V
V- .................................................................... -13.2V
Input Voltages
TxIN, .......................................-0.3V to (Vcc + 0.3V)
RxIN...................................................................+15V
Output Voltages
TxOUT.................................(V+, +0.3V) to (V-, -0.3V)
RxOUT........................................-0.3V to (V
CC +0.3V)
Short-Circuit Duration
TxOUT....................................................Continuous
Storage Temperature......................-65°C to +150°C
V
CC = +3.3V +10%; cap on (V+) and (V-) = 1.0µF, C1 = C2 = 0.1µF; TMIN to TMAX unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TyP.
MAX. UNITS CONDITIONS
TTL INPUT
Input Logic Threshold LOW
0.8
V
TxIN, ON/OFF, Vcc = 3.3V
Input Logic Threshold HIGH
2.0
V
TxIN, ON/OFF, Vcc = 3.3V
Logic Pullup Current
15
200
µA
T
IN = 0V
Maximum Data Rate
120
kbps
C
L = 2500pF, RL = 3kΩ
TTL OUTPUT
TTL/CMOS Output
Voltage LOW
0.5
V
I
OUT = 3.2mA, Vcc = 3.3V
TTL/CMOS Output
Voltage HIGH
2.4
V
I
OUT = -1.0mA
Leakage Current
+0.05
+10
µA
ON/OFF = 0V, 0V ≤ V
OUT ≤ Vcc,
T
A = 25°C
EIA-562 OUTPUT
Output Voltage Swing
+3.7
+4.2
V
All transmitter outputs loaded with
3kΩ to GND
Power Dissipation
20-pin SSOP ..................................................750mW
(derate 9.25mW/°C above +70 °C)
18-pin Wide SOIC.........................................1260mW
(derate 15.7mW/°C above +70 °C)


Similar Part No. - SP385ECA-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP385ECA-L EXAR-SP385ECA-L Datasheet
754Kb / 16P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385ECA-L/TR EXAR-SP385ECA-L/TR Datasheet
754Kb / 16P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
More results

Similar Description - SP385ECA-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385E SIPEX-SP385E_05 Datasheet
170Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
133Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385EEA-L-TR EXAR-SP385EEA-L-TR Datasheet
754Kb / 16P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Sipex Corporation
SP385E SIPEX-SP385E Datasheet
137Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
   True 3V or 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
80Kb / 9P
   3V to 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
   3V to 5V RS-232 Line Driver/Receiver
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com