Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-HC1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SP-HC1
Description  SmartHeat Technology
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-HC1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SP-HC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SP-HC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
page
03
SmartHeat®
page
02
SmartHeat®
Smar tHeat ®
Smar tHeat ® Te chnology
What Is Smar tHeat ®?
Unlike conventional soldering irons, Smar tHeat ® administers heat directly from the heater to the
joint. Metcal tip car tridges detect the thermal load and instantly adjust the power in order to
deliver the right amount of heat precisely where it is needed. If the tip cools while transferring heat
to a joint, Smar tHeat ® immediately responds by safely increasing the power to maintain a constant
tip temperature. As a result, operators are relieved of the responsibility of regulating the tip
temperature, thus eliminating the risk of thermal damage to the component or to the PCB.
Smar tHeat ® soldering systems comprise three basic elements: a high frequency power supply, a tip
car tridge and a hand-piece. The car tridge contains the solder tip, a heater and the wire coil.
When the temperature of the heater (a copper bar coated with a magnetized iron/nickel alloy)
reaches a cer tain level (its Curie Point), it stops absorbing energy and the temperature becomes
constant. Energy from the power supply feeds a steady current to the coil. This creates an electrical
field from which the heater absorbs energy, turns it into heat and transfers it to the iron/nickel
alloy. When soldering has drawn heat from the heater to the extent that the tip begins to cool, the
alloy reacts by taking on more energy in order to reheat the tip. In this way, Smar tHeat ® self-
regulates the tip temperature to within ±1.1ºC of a set point regardless of thermal load and
without any need for adjustment.
Tr ouble-F r ee Tip Replacement
The heat-resistant pad supplied with the unit
allows you to easily inser t and remove the tip
car tridge. The simplicity of this process ensures
there is no loss of productivity, no need for
additional tools and no reason for two soldering
systems to be heating at the same time.
The Metcal Difference
In production environments where a single component can cost hundreds of dollars and rework and
repair can sometimes be more costly than the components involved, process control is vital. Metcal
improves product quality, increases productivity and reduces manufacturing costs with its patented
Smar tHeat ® technology. As Smar tHeat ® maintains a constant tip temperature, automatically
delivering the exact amount of power required for the task, consistent results are guaranteed and
component/PCB damage is vir tually eliminated. Metcal’s Smar tHeat ® systems offer task-specific
versatility with no limits, no barriers and absolutely no compromise.
VARIABLE POWER HEATER
FIXED TEMPERATURE SOLDERING TIP
CONNECTOR
The Smar tHeat ® Route To Lead-F ree Hand Soldering
Switching to lead-free hand soldering does not necessarily mean that you will have to invest in new
equipment or adjust your existing process. As Smar tHeat’s variable power and fixed temperature
guarantee a repeatable tip temperature under a wide variety of thermal loads, the system can easily
adapt to meet the higher temperatures demanded by lead-free applications without any need for
modification.
No Calibration Required F o r Easy ISO 9000 Compliance
To define the parameters for soldering with a Smar tHeat ® system, simply record the tip car tridge
par t number. As the heater ’s alloy dictates the temperature, calibration is not required.
Indeed,
there are no dials, buttons or calibration tools, typical of other systems, with which you can adjust
Smar tHeat’s temperature. This avoids all risk of unauthorized operator inter vention. Throughout the
car tridge’s lifetime, temperature drif t is less than a few degrees. A letter to confirm Smar tHeat’s
self-calibration capacity is available on request.
SmartHeat Technology
22/11/01
2:09 pm
Page 8


Similar Part No. - SP-HC1

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
SP-02N FOTEK-SP-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
SP-02NB FOTEK-SP-02NB Datasheet
1Mb / 6P
   Inductive proximity sensor
SP-02P FOTEK-SP-02P Datasheet
1Mb / 6P
   Inductive proximity sensor
SP-02PB FOTEK-SP-02PB Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Source Photonics, Inc.
SP-03-ELR-CDA SOURCE-SP-03-ELR-CDA Datasheet
492Kb / 9P
   155 Mbps SFP Transceiver
More results

Similar Description - SP-HC1

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
logo
International Rectifier
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
   Trench Technology
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com