Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S18SP6LP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Compact Sensors
71
More information online at
bannerengineering.com
WORLD-BEAM® QS18 Series
WORLD-BEAM® QS18 Specifications
Sensing Hysteresis*
Retroreflective Laser models: 12% of range typical
Diffuse Laser models: 15% of range typical
Adjustable-field models: 0.5% of range typical at 20 mm cutoff
1% of range typical at 50 mm cutoff
3% of range typical at 100 mm cutoff
Adjustable-field Laser models: 1% range typical at 30 mm cutoff
2% range typical at 75 mm cutoff
5% range typical at 150 mm cutoff
Adjustments*
Retroreflective, Retroreflective Laser, Convergent, Diffuse, Diffuse Laser and Glass Fiber Optic, Plastic
Fiber Optic models: Single-turn sensitivity (Gain) adjustment potentiometer
Adjustable-field models: five-turn adjustment screw sets cutoff distance between 20 and 100 mm (adjustable-field)
or 30 and 150 mm (laser adjustable-field), clutched at both ends of travel
Indicators
Laser Emitter models: Green LED: Power applied
All other models, 2 LED indicators:
Green ON steady: Power ON
Green flashing: Output overloaded
YellowON steady: Light sensed
Yellowflashing: Marginal excess gain (1.0 to 1.5x excess gain) in the light condition
NOTE: Prior to date code 0223, the output indicator was red instead of yellow.
Construction
ABS housing, rated IEC IP67; NEMA 6; acrylic lens cover (Laser Emitter models have PMMA window)
2.5 mm (adjustable-field only) and 3 mm mounting hardware included
Connections
2 m or 9 m 4-wire PVC cable, or 4-pin 150 mm pigtail Pico-style QD (Q), or 4-pin 150 mm pigtail Euro-style QD (Q5),
or 4-pin Integral Pico-style QD (Q7), or 4-pin Integral Euro-style QD (Q8), depending on model. See pages 378 and 380.
Operating Conditions
Laser models
Adjustable-field
All others
Temperature: -10° to +50° C
0° to +55° C
-20° to +70° C
Relative humidity: 90% @ 50° C (non-condensing)
Laser Classification
(Laser models only)
Class 1 laser product; complies with EN60825-1: 2001 and 21 CFR 1040.10, except deviations persuant to Laser
Notice 50, dated 7-26-01.
Certifications
Laser models:
All other models:
Hookup Diagrams
Emitters: DC03 (p. 476)
NPN Models: DC04 (p.476)
PNP Models: DC05 (p. 477)
Laser Emitter Models: SP01 (p. 489)
* Does not apply to laser emitter models.
Class 1 Laser Sensors
Lasers that are safe under reasonably foreseeable
conditions of operation, including the use of optical
instruments for intrabeam viewing.
Reference 60825-1 Amend. 2 © IEC:2001(E),
section 8.2.
For safe laser use:
• Do not permit a person to stare at the laser from within
the beam.
• Do not point the laser at a person’s eye at close range.
• Locate open laser beam paths either above or below eye
level, where practical.
WORLD-BEAM® QS18 Specifications (cont’d)


Similar Part No. - S18SP6LP

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S18 YANGJIE-S18 Datasheet
105Kb / 2P
   Schottky Rectifier
logo
RFE international
S18 RFE-S18 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S18-120-L PANDUIT-S18-120-L Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S18-120-L0 PANDUIT-S18-120-L0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S18-175-L PANDUIT-S18-175-L Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - S18SP6LP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
logo
Omron Electronics LLC
E3JMDS70M4TG OMRON-E3JMDS70M4TG Datasheet
384Kb / 8P
   Universal Voltage Terminal Photoelectric
E3JM OMRON-E3JM Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
   THREADED FRESNEL LENS 5MM ROUND STANDARD
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com