Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR10NF120 Datasheet(PDF) 9 Page - Fuji Electric

Part # 7MBR10NF120
Description  1201200V/10A/PIM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR10NF120 Datasheet(HTML) 9 Page - Fuji Electric

  7MBR10NF120 Datasheet HTML 1Page - Fuji Electric 7MBR10NF120 Datasheet HTML 2Page - Fuji Electric 7MBR10NF120 Datasheet HTML 3Page - Fuji Electric 7MBR10NF120 Datasheet HTML 4Page - Fuji Electric 7MBR10NF120 Datasheet HTML 5Page - Fuji Electric 7MBR10NF120 Datasheet HTML 6Page - Fuji Electric 7MBR10NF120 Datasheet HTML 7Page - Fuji Electric 7MBR10NF120 Datasheet HTML 8Page - Fuji Electric 7MBR10NF120 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
For more information, contact:
Collmer Semiconductor, Inc.
P.O. Box 702708
Dallas, TX 75370
972-733-1700
972-381-9991 Fax
http://www.collmer.com


Similar Part No. - 7MBR10NF120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR10NE120 FUJI-7MBR10NE120 Datasheet
514Kb / 9P
   IGBT(1200V/10A)
More results

Similar Description - 7MBR10NF120

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG10CB120XB6TC MACMIC-MMG10CB120XB6TC Datasheet
486Kb / 9P
   1200V 10A PIM Module
MMGT10CB120XB6C MACMIC-MMGT10CB120XB6C Datasheet
486Kb / 9P
   1200V 10A PIM Module
logo
Fuji Electric
7MBR10SA140 FUJI-7MBR10SA140 Datasheet
568Kb / 7P
   IGBT MODULE (S series) 1400V / 10A / PIM
7MBR10SC120 FUJI-7MBR10SC120 Datasheet
416Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 10A / PIM
logo
International Rectifier
EMP50P12B IRF-EMP50P12B Datasheet
769Kb / 15P
   PIM
logo
Fuji Electric
7MBR50NF060 FUJI-7MBR50NF060 Datasheet
263Kb / 9P
   600V/50A/PIM
logo
API Technologies Corp
1492LIM APITECH-1492LIM Datasheet
85Kb / 1P
   Low PIM Termination
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
logo
Fuji Electric
7MBR20NF120 FUJI-7MBR20NF120 Datasheet
265Kb / 9P
   1200V/25A/PIM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com