Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B6B-XH-A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B6B-XH-A
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B6B-XH-A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B6B-XH-A Datasheet HTML 1Page - List of Unclassifed Manufacturers B6B-XH-A Datasheet HTML 2Page - List of Unclassifed Manufacturers B6B-XH-A Datasheet HTML 3Page - List of Unclassifed Manufacturers B6B-XH-A Datasheet HTML 4Page - List of Unclassifed Manufacturers B6B-XH-A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
XH CONNECTOR
2.5
B
A
2.45
0.64
6.75
φ
( 0.7)
2.5
B
A
2.45
0.64
6.75
φ
( 0.7)
2.5
7.4
2.45
0.64
6.75
φ
( 0.7)
TV4 type
2-TV4 type
2-TV4 type
Circuits
Model No.
Dimensions (mm)
AB
TV4
2-TV4
2
3
4
5
6
7
8
B3B-XH-TV4
B4B-XH-TV4
B2B-XH-2-TV4
B3B-XH-2-TV4
B4B-XH-2-TV4
B5B-XH-2-TV4
B6B-XH-2-TV4
B7B-XH-2-TV4
B8B-XH-2-TV4
Material and Finish
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: TV4 type/ PA 66, UL94V-0, natural (white)
2-TV4 type/ Glass-filled PA 66, UL94V-0, natural (ivory)
5.0
7.5
10.0
12.5
15.0
17.5
9.9
12.4
14.9
17.4
19.9
22.4
1,000
1,000
500
500
500
500
500
Q'ty / box
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-XH-2-TV4-oo-
(blank)…natural (TV4 type/white, 2-TV4 type/ivory)
C…black (glass-filled) BK…black R…red E…blue Y…yellow
M…green
12.7
φ4
6.75
2 circuits: 5.1
3 to 8 circuits: 3.85
2 circuits: 2.5
3 to 8 circuits: 5
2 and 3 circuits
:12.7
4 to 8 circuits
:25.4
Note: Conforms to JIC C 0806 of "Tape packaging of components with
unidirectional leads on continuous tapes".
(3 to 4 circuits)
(3 to 8 circuits)
(2 circuits)
Through-hole type shrouded header on radial-tape
Taping specification
Packaging specifications
TERMINALS
& CONNECTORS
R
D
H
W
Leader tape
Tail tape
Flat pack (zigzag folded)
24 indexing holes per fold (304.8mm)
316(
W)×45(D)×330(H)mm
1,000 pcs. / box
500 pcs. / box
19.05mm
2, 3 circuits
4∼8 circuits
Package type
Distance between folds
Box size
Distance between the end of the tape and
the first connector’s center line (either end)
Quantity
Note: Products of different packaging specifications are also available.
Contact JST for details.
Distance between the end of the tape and
the first connector's center line (either end)


Similar Part No. - B6B-XH-A

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B6B-XH-A JST-B6B-XH-A Datasheet
125Kb / 2P
   JQ CONNECTOR 2.5 mm pitch/Board-to-board connectors
B6B-XH-A JST-B6B-XH-A Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
B6B-XH-A JST-B6B-XH-A Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
B6B-XH-AM JST-B6B-XH-AM Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
B6B-XH-AM JST-B6B-XH-AM Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results

Similar Description - B6B-XH-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com