Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS186LE11Q8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QS186LE11Q8
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS186LE11Q8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QS186LE11Q8 Datasheet HTML 1Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 8Page - List of Unclassifed Manufacturers QS186LE11Q8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Compact Sensors
66
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Series
CONVERGENT
DIFFUSE
PLASTIC FIBER
P
POLAR RETRO
OPPOSED
RETRO
GLASS FIBER
ADJUSTABLE-FIELD
FIXED-FIELD
QS18
• Eight sensing modes for
solving most applications:
opposed, retroreflective,
convergent, diffuse, plastic
and glass fiber optic, and
adjustable field and fixed field
• High power, visible red and
infrared sensing beam
• Highly visible diagnostics
QS18
Expert
• Advanced teachable
microprocessor
• Single push-button
programming
• Instant learning of difficult
sensing condition
• Reliable detection of
transparent and reflective
objects
QS18 Laser
• Opposed, diffuse,
retroreflective and adjustable-
field models
• High-performance sensing with
visible Class 1 lasers
• Long sensing ranges
• Ideal for confined areas
• Emitter models available with
five beam shapes
QS18 Background
Suppression
• Adjustable-field models with
cutoff point from 20 to 100 mm
or 30 to 150 mm
• Fixed-field models sensing
range of 50 or 100 mm
• Visible red LED or laser
sensing beam
• Accurate and reliable even with
low-reflectivity targets
• Ideal for small, difficult-to-
access areas
QS18 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Page 67
QS18 Laser Emitter . . . . . . . . . . . . . . . . . . . . . . . . . . 68
QS18 Laser models . . . . . . . . . . . . . . . . . . . . . . . . . . 68
QS18 Background Suppression . . . . . . . . . . . . . . . . . 69
QS18 Expert
™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
QS18 Ultrasonic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
Optional 18 mm
threaded lens mount
on some models
Variety of cable and
connector options
Rugged sealed
housing, protected
circuitry
Bright LED operating status
indicators visible
from 360°
WORLD-BEAM
®
QS18 Series
Universal Sensors
• Features a universal housing with an 18 mm
threaded lens or side mounts
• Replaces hundreds of other sensors
• Meets IP67 and NEMA 6 standards for harsh
environments
• Available in opposed, polarized and non-polarized
retroreflective, convergent, regular and wide-
angle diffuse, laser, ultrasonic, plastic or glass
fiber optic, fixed-field and adjustable-field
sensing modes
• Offers easy push-button TEACH-mode setup in
Expert
QS18E and ultrasonic models
• Ranges up to 20 m
REFLECTORS
PAGE 391
BRACKETS
PAGE 350
QD CABLES
PAGE 378, 379 & 380
4-Pin Euro & 4-Pin Pico
LASER EMITTER
APERTURES
PAGE 406
P
LASER
POLAR RETRO
LASER DIFFUSE
LASER
ADJUSTABLE-FIELD
Side mount
standard on
all models
ULTRASONIC


Similar Part No. - QS186LE11Q8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS186LE11 ETC1-QS186LE11 Datasheet
302Kb / 8P
   Emissores Laser
QS186LE11 ETC2-QS186LE11 Datasheet
448Kb / 8P
   WORLD-BEAM QS186LE Laser Emitter
More results

Similar Description - QS186LE11Q8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
logo
Omron Electronics LLC
E3JMDS70M4TG OMRON-E3JMDS70M4TG Datasheet
384Kb / 8P
   Universal Voltage Terminal Photoelectric
E3JM OMRON-E3JM Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
   THREADED FRESNEL LENS 5MM ROUND STANDARD
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com