Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS18VP6LV Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QS18VP6LV
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6LV Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QS18VP6LV Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 10Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 11Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 12Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 13Page - List of Unclassifed Manufacturers QS18VP6LV Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Compact Sensors
74
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 ExpertSeries
WORLD-BEAM
® QS18 ExpertSpecifications
Supply Voltage
10 to 30V dc (10% max. ripple) at less than 35 mA, exclusive of load; 10 to 24V dc @ greater than 55° C
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
SPST solid-state NPN (current sinking) or PNP (current sourcing), depending on model. Configuration in TEACH
sequence for light operate (LO) or dark operate (DO).
Rating: 100 mA max.
OFF-state leakage current: less than 50 µA @ 30V dc
ON-state saturation voltage: less than 1.5V (2 m cable); 1.7V (9 m cable)
Protected against false pulse on power-up and continuous overload or short circuit of output
Output Response Time
600 microseconds ON/OFF
Delay at Power-up
Less than 1 second; outputs do not conduct during this time
Repeatability
75 microseconds
Adjustments
Push button and remote wire
• Thresholds: Push-button/remote-wire teachable
• Light/dark operate: Selectable by programming order (load output follows the first taught target condition)
• Push-button lockout (remote wire only)
Indicators
2 LED indicators:
Green: RUN mode, output short-circuit
Red: Output ON/marginal, TEACH mode
Construction
Polycarbonate/ABS housing and TPE push button, rated IEC IP67; NEMA 6
3 mm mounting hardware included
Connections
2 m or 9 m 4-wire PVC cable, or 4-pin 150 mm pigtail Pico-style QD (Q), or 4-pin 150 mm pigtail Euro-style QD (Q5), or
4-pin Integral Pico-style QD (Q7), or 4-pin Integral Euro-style QD (Q8). QD cables are ordered separately. See pages 378
and 380.
Operating Conditions
Temperature: -20° to +70° C
Relative humidity: 90% @ 50° C (non-condensing)
Application Note
The first condition presented during TEACH mode becomes the OUTPUT ON condition.
Certifications
Hookup Diagrams
NPN Models: DC09 (p. 478)
PNP Models: DC10 (p. 478)
WORLD-BEAM
® QS18 Ultrasonic Specifications
See page 295.


Similar Part No. - QS18VP6LV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6LV ETC2-QS18VP6LV Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6LV ETC2-QS18VP6LV Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6LV ETC2-QS18VP6LV Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VP6LV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
logo
Omron Electronics LLC
E3JMDS70M4TG OMRON-E3JMDS70M4TG Datasheet
384Kb / 8P
   Universal Voltage Terminal Photoelectric
E3JM OMRON-E3JM Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
   THREADED FRESNEL LENS 5MM ROUND STANDARD
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com