Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU0414HR5H-SB Datasheet(PDF) 5 Page - Knowles Electronics

Part # SPU0414HR5H-SB
Description  Amplified "Ultra-Mini" SiSonicTM Microphone Specification With MaxRF Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPU0414HR5H-SB Datasheet(HTML) 5 Page - Knowles Electronics

  SPU0414HR5H-SB Datasheet HTML 1Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 2Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 3Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 4Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 5Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 6Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 7Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 8Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
"H"
3.330
0.254
R
0.330
Release Level: Active
SPU0414HR5H-SB
Sheet 5 of 11
0.15mm unless otherwise specified.
Knowles Acoustics, a division of Knowles Electronics, LLC.
Revision: C
Note:
Dimensions are in milimeters unless otherwise specified.
Tolerance
8. MECHANICAL SPECIFICATIONS
3
1
2
4
0.625
1.700
0.650
2.460
0.800
1
1.475
"W"
"L"
1.184
"AP"
2.540
R0.279
PIN #
FUNCTION
1POWER (VDD)
2GROUND
3GAIN
4OUTPUT
PIN OUTPUT
ITEM
DIMENSION
TOLERANCE
UNITS
LENGTH (L)
3.760
±0.100
mm
WIDTH (W)
2.950
±0.100
mm
HEIGHT (H)
1.100
±0.100
mm
ACOUSTIC
PORT (AP)
Ø0.500
±0.100
mm


Similar Part No. - SPU0414HR5H-SB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPU0410HR5H-PB KNOWLES-SPU0410HR5H-PB Datasheet
535Kb / 10P
   Ultra Mini Surface Mount Silicon Microphone with Maximum RF Protection ??Halogen Free
SPU0410LR5H KNOWLES-SPU0410LR5H Datasheet
1Mb / 8P
   Digital to Analog Converter (DAC) PCB, Mic-On-Flex Assemblies
SPU0410LR5H-QB KNOWLES-SPU0410LR5H-QB Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0410LR5H-QB-7 KNOWLES-SPU0410LR5H-QB-7 Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com