Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU0414HR5H-SB Datasheet(PDF) 7 Page - Knowles Electronics

Part # SPU0414HR5H-SB
Description  Amplified "Ultra-Mini" SiSonicTM Microphone Specification With MaxRF Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPU0414HR5H-SB Datasheet(HTML) 7 Page - Knowles Electronics

Back Button SPU0414HR5H-SB Datasheet HTML 3Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 4Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 5Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 6Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 7Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 8Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 9Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 10Page - Knowles Electronics SPU0414HR5H-SB Datasheet HTML 11Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPU0414HR5H-SB
Sheet 7 of 11
Knowles Acoustics, a division of Knowles Electronics, LLC.
Release Level: Active
Revision: C
10. RECOMMENDED INTERFACE CIRCUIT
R2 = 2.44k
C1 (Set by customer)
R1 = 22k
OUTPUT
GROUND
POWER
GAIN
R3 (Set by customer)
Dotted
Section
Represents
SiSonic
TM
Microphone
DESIRED GAIN
GAIN PIN TERMINATION METHOD
Unity Gain (0dB)
Tie Gain Pin directly to Output Pin
20dB
Tie Gain Pin through C1 to Ground (R3=0)
Adjustable Gain
(0dB to 20dB)
Add R3 and C1. Use formulas below to calculate settings:
)
R
R
(
C
Frequency
Corner
Highpass
)
G
log(
)
dB
(
Gain
,
R
R
R
G
3
2
1
3
2
1
2
1
20
1


Similar Part No. - SPU0414HR5H-SB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPU0410HR5H-PB KNOWLES-SPU0410HR5H-PB Datasheet
535Kb / 10P
   Ultra Mini Surface Mount Silicon Microphone with Maximum RF Protection ??Halogen Free
SPU0410LR5H KNOWLES-SPU0410LR5H Datasheet
1Mb / 8P
   Digital to Analog Converter (DAC) PCB, Mic-On-Flex Assemblies
SPU0410LR5H-QB KNOWLES-SPU0410LR5H-QB Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0410LR5H-QB-7 KNOWLES-SPU0410LR5H-QB-7 Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com