Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48413 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM48413
Description  Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48413 Datasheet HTML 2Page - Texas Instruments LM48413 Datasheet HTML 3Page - Texas Instruments LM48413 Datasheet HTML 4Page - Texas Instruments LM48413 Datasheet HTML 5Page - Texas Instruments LM48413 Datasheet HTML 6Page - Texas Instruments LM48413 Datasheet HTML 7Page - Texas Instruments LM48413 Datasheet HTML 8Page - Texas Instruments LM48413 Datasheet HTML 9Page - Texas Instruments LM48413 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM48413
SNAS460A – NOVEMBER 2008 – REVISED JANUARY 2009
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Output Power/Channel
VDD = 2.5V, POUT = 100mW/Ch
f = 1kHz, RL = 8Ω, 22kHz BW
RL = 8Ω, 22kHz BW
Figure 4.
Figure 5.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, POUT = 250mW/Ch
VDD = 5V, POUT = 375mW/Ch
RL = 8Ω, 22kHz BW
RL = 8Ω, 22kHz BW
Figure 6.
Figure 7.
Efficiency vs Output Power
Power Dissipation vs Total Output Power
RL = 8Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM48413


Similar Part No. - LM48413

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48413 TI1-LM48413 Datasheet
1Mb / 25P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48413TL NSC-LM48413TL Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48413TL/NOPB TI1-LM48413TL/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48413TLX NSC-LM48413TLX Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
More results

Similar Description - LM48413

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
   2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com