Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8204BAY-TCT1Y Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S-8204BAY-TCT1Y
Description  BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-8204BAY-TCT1Y Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S-8204BAY-TCT1Y Datasheet HTML 1Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 2Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 3Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 4Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 5Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 6Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 7Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 8Page - List of Unclassifed Manufacturers S-8204BAY-TCT1Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.6_00
S-8204B Series
Seiko Instruments Inc.
5
Pin Configuration
1. 16-Pin TSSOP
5
4
6
8
7
2
3
1
12
13
11
9
10
15
14
16
Top view
Figure 2
Table 3
Pin No.
Symbol
Description
1
COP
Connection pin of charge control FET gate (Pch open-drain output)
2
VMP
Voltage detection pin between VDD pin and VMP pin
3
DOP
Connection pin of discharge control FET gate (CMOS output)
4
VINI
Voltage detection pin between VSS pin and VINI pin,
discharge overcurrent 1 / 2 detection pin, load short-circuit detection pin
5
CDT
Capacitor connection pin for delay for overdischarge detection
6
CCT
Capacitor connection pin for delay for overcharge detection
7
CIT
Capacitor connection pin for delay for discharge overcurrent 1 / 2
8
SEL
Pin for switching 3-series or 4-series cell
• VSS level: 3-series cell
• VDD level: 4-series cell
9
VSS
Input pin for negative power supply,
connection pin for negative voltage of battery 4
10
VC4
Connection pin for negative voltage of battery 3,
connection pin for positive voltage of battery 4
11
VC3
Connection pin for negative voltage of battery 2,
connection pin for positive voltage of battery 3
12
VC2
Connection pin for negative voltage of battery 1,
connection pin for positive voltage of battery 2
13
VC1
Connection pin for positive voltage of battery 1
14
VDD
Input pin for positive power supply,
connection pin for positive voltage of battery 1
15
CTLD
Discharge FET control pin
16
CTLC
Charge FET control pin


Similar Part No. - S-8204BAY-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204BAY-TCT1Y ABLIC-S-8204BAY-TCT1Y Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
More results

Similar Description - S-8204BAY-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204B ABLIC-S-8204B Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
S-8204A ABLIC-S-8204A Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8205A ABLIC-S-8205A Datasheet
832Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.9_01
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S8203A SII-S8203A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com