Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48820 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48820
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48820 Datasheet(HTML) 3 Page - Texas Instruments

  LM48820_14 Datasheet HTML 1Page - Texas Instruments LM48820_14 Datasheet HTML 2Page - Texas Instruments LM48820_14 Datasheet HTML 3Page - Texas Instruments LM48820_14 Datasheet HTML 4Page - Texas Instruments LM48820_14 Datasheet HTML 5Page - Texas Instruments LM48820_14 Datasheet HTML 6Page - Texas Instruments LM48820_14 Datasheet HTML 7Page - Texas Instruments LM48820_14 Datasheet HTML 8Page - Texas Instruments LM48820_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM48820
www.ti.com
SNAS370A – MAY 2007 – REVISED JUNE 2007
Figure 3. YFR0014 Package View
PIN DESCRIPTIONS
Pin
Name
Function
A1
RIN
Right Channel Input
A2
SGND
Signal Ground
A3
CPVDD
Charge Pump Power Supply
A4
CCP+
Positive Terminal - Charge Pump Flying Capacitor
B1
SD_RC
Active-Low Shutdown, Right Channel
B2
SD_LC
Active-Low Shutdown, Left Channel
B4
PGND
Power Ground
C1
LIN
Left Channel Input
C2
ROUT
Right Channel Output
C4
CCP-
Negative Terminal - Charge Pump Flying Capacitor
D1
AVDD
Positive Power Supply - Amplifier
D2
LOUT
Left Channel Output
D3
-AVDD
Negative Power Supply - Amplifier
D4
VCP_OUT
Charge Pump Power Output
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48820


Similar Part No. - LM48820_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48820TM/NOPB TI1-LM48820TM/NOPB Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820TMX/NOPB TI1-LM48820TMX/NOPB Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM48820_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com