Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2131B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2131B
Description  92.16 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2131B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2131B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2131B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2131B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2131B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 4
©2009 by RF Monolithics, Inc.
SF2131B - 7/9/09
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
US and international patents may apply.
6.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
92.16
MHz
1.5 dB Passband Bandwidth
20
MHz
Minimum Insertion Loss
ILMIN
1, 2
9
10.0
dB
Attenuation Relative to ILMIN
0 to 40.72 MHz
1, 3
42
50
dB
40.72 to 66 MHz
45
49.5
61.44 to 122.88 MHz
52
56
109 to 143.6 MHz
40
45
143.6 to 153.6 MHz
56
60
218 to 1000 MHz
58
63
Amplitude Ripple
82.16 to 102.16 MHz
1, 4
0.9
1.2
dBP-P
Group Delay Ripple
82.16 to 102.16 MHz
1, 4
65
100
nsP-P
1 dB Compression Point
82.16 to 102.16 MHz
1, 5
12
15
dBm
Input IP3
135
40
dBm
Operating Temperature Range
1
-40
+85
°C
Terminating Source/Load Impedance
50
ohm
Case Style
SMP-03 7 x 5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, S=shift) See note 4
RFM SF2131B YYWWS
SMP-03
• Low Insertion Loss
• 5.0 X 7.0 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Maximum DC Voltage Between any Two Terminals
30
VDC
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile
265 °C for 10 s
92.16 MHz
SAW Filter
SF2131B
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2131B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2131B RFM-SF2131B Datasheet
204Kb / 4P
   Low Insertion Loss
More results

Similar Description - SF2131B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL09207AV TRANSKO-TL09207AV Datasheet
539Kb / 4P
   92.16 MHz IF SAW Filter / 7.36 MHz Bandwidth
Revision 0: 15 Apr. 2009
TL09244AV TRANSKO-TL09244AV Datasheet
538Kb / 4P
   92.16 MHz IF SAW Filter / 44.04 MHz Bandwidth
Revision 0: 15 Apr. 2009
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
Vectron International, ...
MQF92-16-0600-01 VECTRON-MQF92-16-0600-01 Datasheet
146Kb / 1P
   Nominal centre frequency fo: 92.16 MHz
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com