Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A0315XT-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # A0315XT-1WR2
Description  UNREGULATED DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0315XT-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  A0315XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0315XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A0315XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A0315XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A0315XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_XT-1WR2
2013.12.17-A/0
Page 4 of5
Recommended reflow soldering profile refer to IPC/JEDEC J-STD-020D standard, our products recommended reflow soldering profile as follow:
0
50
100
150
200
250
Ti me (sec.)
Peak .Temp 245(Max.)
245
217
60
Max
(>217)
Sec
Note: The curve only applies to the hot air reflow soldering
DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate the source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)


Similar Part No. - A0315XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0315XT-1WR2 MORNSUN-A0315XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A0315XT-1WR2 MORNSUN-A0315XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A0315XT-1WR2 MORNSUN-A0315XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A0315XT-1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
logo
PEAK electronics GmbH
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
Mean Well Enterprises C...
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com