Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1209XT-1WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # A1209XT-1WR2
Description  UNREGULATED DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1209XT-1WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  A1209XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1209XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1209XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1209XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1209XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_XT-1WR2
2013.12.17-A/0
Page 5 of5
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
DESIGN CONSIDERATIONS
1) Requirement for output load
To ensure this module operate efficiently and reliably, the minimum output load could not be less than 10% of the full load. If the actual output
power is very small, please connect a resistor to the output in parallel to increase the load, or use our company
’s products with a lower rated output
power
.
2) Overload Protection
Under normal operating conditions, the output circuit of these products have not overload protection. The simplest method is to add a breaker
circuit in the circuit.
3) Recommended circuit
If you want to further decrease the input/output ripple, an capacitor filtering network may be connected to the input and output ends of the
DC/DC converter, refer to Figure 3.
It should also be noted that the capacitance of the capacitor must be proper. If the capacitance is too large, a startup problem might arise.For
ensuring every channel of output can providea safe and reliable operation , the recommended capacitance of the capacitor refer to Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
(Figure 3)
EXTERNAL CAPACITOR TABLE (Table 1)
It
’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4) Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear regulator with overheat protection which is
connected to the input or output in series (Figure 4)and an capacitor filtering network.the recommended capacitance of the capacitor refer to Table 1,
linear regulator based on the actual voltage and current to makea reasonable selection.
Vin
GND
0V
+Vo
DC
DC
-Vo
REG
REG
REG
(Figure 4)
5) It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable
Vin
(VDC)
Cin
(
µF)
Dual
Vout
(VDC)
Cout
(
µF)
3.3
4.7
±5
4.7
5
4.7
±9
2.2
12
2.2
±12
1
24
1
±15
1
--
--
±24
0.47


Similar Part No. - A1209XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1209XT-1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
logo
PEAK electronics GmbH
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
Mean Well Enterprises C...
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com