Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2415XT-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # A2415XT-1WR2
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A2415XT-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  A2415XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A2415XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
A_XT-1WR2 Series
2014.05.22-A/1
Page 3 of4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
Tolerance Envelope Graph
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output Voltage
Output Current Percentage(%)
Typical Loa
d Curve
70
(Nominal Input Voltage)
Fig.1
120
100
80
60
40
20
0
-40
0
40
100 105
En vi ron ment Temp.()
Temperature Derating C urve
Safe Operati ng Area
Fig.2
A0505XT-1WR2
50
55
60
65
70
75
80
85
90
95
100
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
A0505XT-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
A1205XT-1WR2
50
55
60
65
70
75
80
85
90
95
100
10.8 11.1 11.4 11.7 12.0 12.3 12.6 12.9 13.2
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
A1205XT-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-Nominal)
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.3.
Moreover, choosing suitable filter capacitor is very important, start-up problems may be caused by too large capacitance. To ensured the
modules running well, the recommended capacitive load values as shown in Table 1.
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat
protection that is connected to the input or output end in series (see Fig. 4).
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Fig.3
Vin
GND
0V
+Vo
DC DC
-Vo
REG
REG
REG
Fig.4
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(µF)
Vo (VDC)
Cout(µF)
3.3
4.7
±5
4.7
5
4.7
±9
2.2
12
2.2
±12
1
15
2.2
±15
1
24
1
±24
0.47
It is not recommended to connect any external capacitor when output power is less than 0.5W.


Similar Part No. - A2415XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2415XT-1WR2 MORNSUN-A2415XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A2415XT-1WR2 MORNSUN-A2415XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A2415XT-1WR2 MORNSUN-A2415XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A2415XT-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com