Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1215XT-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1215XT-1WR2
Description  UNREGULATED DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1215XT-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1215XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1215XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1215XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1215XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1215XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_XT-1WR2
2013.12.17-A/0
Page 1 of5
FEATURES
●Ultra-Miniature SMD package
●1500VDC isolation
●Operating temperature range:
-40℃~+105℃
●Efficiency up to 82%
●Internal SMD construction
● No external component required
● Industry standard pinout
APPLICATIONS
The A_XT-1WR2 Series are designed for application where
isolated output is required from a distributed power system.
These products apply to where:
1)
Input voltage rang:
±10%Vin;
2)
1500VDC input and output isolation;
3)
Regulated and low ripple noise is not required,
Such as: digital circuit, low frequency analog circuit, and
relay drive circuit.
A_XT-1WR2 Series
1W,FIXED INPUT, ISOLATED&
UNREGULATED DUAL OUTPUT
Patent Protected RoHS
PART NUMBER SYSTEM
A0505XT-1WR2
Rated Power
ackage
P
Outp ut Voltage
Input Volta ge
Product Series
SELECTION GUIDE
Model
Input Voltage(VDC)
Output
Voltage
(VDC)
Output Current
(mA)
Input Current
(mA,Typ.)
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load(
µF)
Efficiency (%)
@Max. Load
Nominal
(Range)
Max.
Min.
@Max.
Load
@No
Load
Min.
Typ.
A0305XT-1WR2
3.3
(2.97-3.63)
±5
±100
±10
388
25
15
100
74
78
A0312XT-1WR2
±12
±42
±5
379
76
80
A0315XT-1WR2
±15
±33
±3
379
76
80
A0505XT-1WR2
5
(4.5-5.5)
±5
±100
±10
250
20
76
80
A0509XT-1WR2
±9
±56
±6
250
76
80
A0512XT-1WR2
±12
±42
±5
247
77
81
A0515XT-1WR2
±15
±33
±3
247
77
81
A0524XT-1WR2
±24
±21
±2
247
77
81
A1205XT-1WR2
12
(10.8-13.2)
±5
±100
±10
104
15
76
80
A1209XT-1WR2
±9
±56
±6
104
76
80
A1212XT-1WR2
±12
±42
±5
103
77
81
A1215XT-1WR2
±15
±33
±3
103
77
81
A1224XT-1WR2
±24
±21
±2
103
77
81
A2405XT-1WR2
24
(21.6-26.4)
±5
±100
±10
51
7
78
82
A2409XT-1WR2
±9
±56
±6
51
78
82
A2412XT-1WR2
±12
±42
±5
51
78
82
A2415XT-1WR2
±15
±33
±3
51
78
82
A2424XT-1WR2
±24
±21
±2
51
78
82
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage
(1 sec. max.)
3.3VDC Input
-0.7
--
5
VDC
5VDC Input
-0.7
--
9
12VDC Input
-0.7
--
18
24VDC Input
-0.7
--
30
Input Filter
Capacitor


Similar Part No. - A1215XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1215XT-1WR2 MORNSUN-A1215XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1215XT-1WR2 MORNSUN-A1215XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1215XT-1WR2 MORNSUN-A1215XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1215XT-1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
logo
PEAK electronics GmbH
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
Mean Well Enterprises C...
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com