Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49370 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM49370
Description  Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM49370 Datasheet HTML 2Page - Texas Instruments LM49370 Datasheet HTML 3Page - Texas Instruments LM49370 Datasheet HTML 4Page - Texas Instruments LM49370 Datasheet HTML 5Page - Texas Instruments LM49370 Datasheet HTML 6Page - Texas Instruments LM49370 Datasheet HTML 7Page - Texas Instruments LM49370 Datasheet HTML 8Page - Texas Instruments LM49370 Datasheet HTML 9Page - Texas Instruments LM49370 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
LM49370
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
www.ti.com
Absolute Maximum Ratings
(1) (2)
Analog Supply Voltage
(A_VDD & LS_VDD)
6.0V
Digital Supply Voltage
(BB_VDD & D_VDD & PLL_VDD)
6.0V
Storage Temperature
−65°C to +150°C
Power Dissipation (3)
Internally Limited
ESD Susceptibility
Human Body Model (4)
2500V
Machine Model (5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA – YPG49 (soldered down to PCB with 2in
2 1oz. copper plane)
60°C/W
Soldering Information
(1)
All voltages are measured with respect to the relevant VSS pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(4)
Human body model: 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine model: 220pF – 240pF discharged through all pins.
Operating Ratings
Temperature Range
−40°C to +85°C
Supply Voltage
D_VDD/PLL_VDD
2.5V to 4.5V
BB_VDD
1.8V to 4.5V
LS_VDD = A_VDD
(1)
2.5V to 5.5V
(1)
LS_VDD must be equal to A_VDD due to intend ESD diode structure. For proper operation, LS_VDD and A_VDD need to be the highest
voltage than BB_VDD, D_VDD, and PLL_VDD and must be applied first.
Electrical Characteristics
(1) (2)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2 unless otherwise stated. Limits apply for 25°C.
LM49370
Symbol
Parameter
Conditions
Units
Limit(4)
Typical(3)
(5)
POWER
DISD
Digital Shutdown Current(6)
Chip Mode '00', fMCLK = 13MHz
0.7
2.2
µA (max)
DIST
Digital Standby Current
Chip Mode '01', fMCLK = 13MHz
0.9
1.8
mA(max)
AISD
Analog Shutdown Current
Chip Mode '00'
0.1
1.2
µA(max)
AIST
Analog Standby Current
Chip Mode '01'
0.1
1.2
µA (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(2)
All voltages are measured with respect to the relevant VSS pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(3)
Typical values are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Digital shutdown current is measured with system clock set for PLL output while the PLL is disabled.
6
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM49370


Similar Part No. - LM49370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Similar Description - LM49370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com