Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49370 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49370
Description  Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370 Datasheet(HTML) 1 Page - Texas Instruments

  LM49370 Datasheet HTML 1Page - Texas Instruments LM49370 Datasheet HTML 2Page - Texas Instruments LM49370 Datasheet HTML 3Page - Texas Instruments LM49370 Datasheet HTML 4Page - Texas Instruments LM49370 Datasheet HTML 5Page - Texas Instruments LM49370 Datasheet HTML 6Page - Texas Instruments LM49370 Datasheet HTML 7Page - Texas Instruments LM49370 Datasheet HTML 8Page - Texas Instruments LM49370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
LM49370
www.ti.com
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
LM49370 Boomer® Audio Power Amplifier Series Audio Sub-System with an Ultra Low
EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone
Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
Check for Samples: LM49370
1
FEATURES
16 Step Volume Control for Microphone in 2
dB Steps
2
Spread Spectrum Class D Architecture
Programmable Sidetone Attenuation in 3 dB
Reduces EMI
Steps
Mono Class D 8
Ω Amplifier, 490 mW at 3.3V
Two Configurable GPIO Ports
OCL or AC-Coupled Headphone Operation
Multi-Function IRQ Output
33mW Stereo Headphone Amplifier at 3.3V
Micro-Power Shutdown Mode
115 mW Earpiece Amplifier at 3.3V
Available in the 4 x 4 mm 49 Bump DSBGA
18-bit Stereo DAC
Package
16-bit Mono ADC
Key Specifications
8 kHz to 192 kHz Stereo Audio Playback
PHP (AC-COUP) (A_VDD = 3.3V, 32Ω, 1% THD) 33
8 kHz to 48 kHz Mono Recording
mW
Bidirectional I2S Compatible Audio Interface
PHP (OCL) (A_VDD = 3.3V, 32Ω, 1% THD) 31
Bidirectional PCM Compatible Audio Interface
mW
for Bluetooth Transceivers
PLS ( LS_VDD = 5V, 8Ω, 1% THD) 1.2 W
I2S-PCM Bridge with Sample Rate Conversion
PLS (LS_VDD = 4.2V, 8Ω, 1% THD) 900 mW
Sigma-Delta PLL for Operation from Any Clock
PLS (LS_VDD = 3.3V, 8Ω, 1% THD) 490 mW
at Any Sample Rate
Shutdown Current 0.8 µA
Digital 3D Stereo Enhancement
PSRRLS (217 Hz, LS_VDD = 3.3V) 70 dB
FIR Filter Programmability for Simple Tone
SNRLS (AUX IN to Loudspeaker) 90 dB (typ)
Control
SNRDAC (Stereo DAC to AUXOUT) 85 dB
Low Power Clock Network Operation if a 12
(typ)
MHz or 13 MHz System Clock is Available
SNRADC (Mono ADC from Cell Phone In) 90
Read/Write I2C or SPI Compatible Control
dB (typ)
Interface
SNRHP (Aux In to Headphones) 98 dB (typ)
Automatic Headphone & Microphone Detection
Support for Internal and External Microphones
APPLICATIONS
Automatic Gain Control for Microphone Input
Smart Phones
Differential Audio I/O for External Cellphone
Mobile Phones and Multimedia Terminals
Module
PDAs, Internet Appliances and Portable
Mono Differential Auxiliary Output
Gaming
Stereo Auxiliary Inputs
Portable DVD/CD/AAC/MP3 Players
Differential Microphone Input for Internal
Digital Cameras/Camcorders
Microphone
Flexible Audio Routing from Input to Output
32 Step Volume Control for Mixers in 1.5 dB
Steps
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Similar Description - LM49370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com