Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49600 Datasheet(PDF) 1 Page - Texas Instruments

Part # LME49600
Description  High Performance, High Fidelity, High Current Audio Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 1 Page - Texas Instruments

  LME49600_14 Datasheet HTML 1Page - Texas Instruments LME49600_14 Datasheet HTML 2Page - Texas Instruments LME49600_14 Datasheet HTML 3Page - Texas Instruments LME49600_14 Datasheet HTML 4Page - Texas Instruments LME49600_14 Datasheet HTML 5Page - Texas Instruments LME49600_14 Datasheet HTML 6Page - Texas Instruments LME49600_14 Datasheet HTML 7Page - Texas Instruments LME49600_14 Datasheet HTML 8Page - Texas Instruments LME49600_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LME49600
www.ti.com
SNAS422D – JANUARY 2008 – REVISED MARCH 2008
LME49600 High Performance, High Fidelity, High Current Audio Buffer
Check for Samples: LME49600
1
FEATURES
DESCRIPTION
The LME49600 is a high performance, low distortion
2
Pin-Selectable Bandwidth and Quiescent
high fidelity 250mA audio buffer. The LME49600 is
Current
designed for a wide range of applications. It can be
Pure Fidelity, Pure Performance
used inside the feedback loop of op amps.
Short Circuit Protection
The LME49600 offers a pin-selectable bandwidth: a
Thermal Shutdown
low current, 110MHz bandwidth mode that consumes
7.3mA and a wide 180MHz bandwidth mode that
TO–263 Surface-Mount Package
consumes 13.2mA. In both modes the LME49600 has
a nominal 2000V/
μs slew rate. Bandwidth is easily
APPLICATIONS
adjusted by either leaving the BW pin unconnected or
Headphone Amplifier Output Drive Stage
connecting a resistor between the BW pin and the
Line Drivers
VEE pin.
Low Power Audio Amplifiers
The LME49600 is fully protected through internal
current limit and thermal shutdown.
High-Current Operational Amplifier Output
Stage
ATE Pin Driver Buffer
Power Supply Regulator
KEY SPECIFICATIONS
Low THD+N (VOUT = 3VRMS, f = 1kHz,
Figure 25): 0.00003% (typ)
Slew Rate: 2000V/
μs (typ)
High Output Current: 250mA (typ)
Bandwidth
BW Pin Floating: 110MHz (typ)
BW Connected to VEE: 180MHz (typ)
Supply Voltage Range: ±2.25V
≤ VS ≤ ±18V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LME49600_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49600TS NSC-LME49600TS Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600TS/NOPB TI1-LME49600TS/NOPB Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
More results

Similar Description - LME49600_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49610 TI1-LME49610 Datasheet
488Kb / 21P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com