Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2412S-2WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A2412S-2WR2
Description  2W, FIXED INPUT, ISOLATED & UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A2412S-2WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A2412S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A2412S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A2412S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A2412S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A2412S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_S-2WR2 & B_S-2WR2
2013.06.18- A/1
Page 2 of 5
B2412S-2WR2
12
167
17
99
84
B2415S-2WR2
15
133
13
99
84
B2424S-2WR2
24
(21.6-26.4)
24
83
8
98
8
15
220
85
Note: ①for each output.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
5VDC input
-0.7
--
9
12VDC input
-0.7
--
18
15VDC input
-0.7
--
21
Input Surge Voltage (1sec.max.)
24VDC input
-0.7
--
30
VDC
Input Filter
Capacitance Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
3.3V output
--
--
±1.5
Line Regulation
For Vin change of
±1%
Others
--
--
±1.2
3.3V output
--
18
--
5V output
--
12
--
12V output
--
8
--
15V output
--
7
--
Load Regulation
10% to 100% load
24V output
--
6
--
%
Temperature Drift
Full load
--
--
±0.03
%/
°C
Output Voltage≤12V
--
60
--
Ripple & Noise*
20MHz bandwidth
Output Voltage:15V,24V
--
75
--
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note:
*Ripple and noise tested by “parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, tested for 1 minute and leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Input-Output, test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
20
--
pF
Switching Frequency
100% load, Input voltage range
--
100
300
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Plastic (UL94-V0)
Weight
--
2.4
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above 85℃, see Figure 2)
-40
--
105
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS B(Recommended Circuit Refer to Figure1)
EMI
RE
CISPR22/EN55022
CLASS B(Recommended Circuit Refer to Figure1)
A_S-2WR2
IEC/EN61000-4-2
Contact
±6KV perf. Criteria B
EMS
ESD
B_S-2WR2
IEC/EN61000-4-2
Contact
±8KV perf. Criteria B


Similar Part No. - A2412S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2412S-2WR2 MORNSUN-A2412S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - A2412S-2WR2

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
A0505LT-2W RSG-A0505LT-2W Datasheet
121Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W DUAL OUTPUT UTRALMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com