Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49713 Datasheet(PDF) 8 Page - Texas Instruments

Part # LME49713
Description  High Performance, High Fidelity Current Feedback Audio Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49713 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LME49713_14 Datasheet HTML 4Page - Texas Instruments LME49713_14 Datasheet HTML 5Page - Texas Instruments LME49713_14 Datasheet HTML 6Page - Texas Instruments LME49713_14 Datasheet HTML 7Page - Texas Instruments LME49713_14 Datasheet HTML 8Page - Texas Instruments LME49713_14 Datasheet HTML 9Page - Texas Instruments LME49713_14 Datasheet HTML 10Page - Texas Instruments LME49713_14 Datasheet HTML 11Page - Texas Instruments LME49713_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
FREQUENCY (Hz)
1E+8
1E+6
1E+7
1E+5
1E+9
1
2
3
4
5
6
7
8
9
31 MHz RF=3 k:
52 MHz RF=2 k:
111 MHz RF=1.2 k:
209 MHz RF=0.8 k:
0
FREQUENCY (Hz)
1E+8
1E+6
1E+7
1E+5
1E+9
8
9
10
11
12
13
14
15
16
29 MHz RF=3 k:
46 MHz RF=2 k:
84 MHz RF=1.2 k:
126 MHz RF=0.8 k:
-12
0
-10
-8
-6
-4
-2
POWER SUPPLY (V)
6
15
7
8
9 10 11 12 13 14
5
18
17
16
FREQUENCY (Hz)
1E+8
1E+6
1E+7
1E+5
1E+9
-5
-4
-3
-2
-1
0
1
2
3
32 MHz RF=3 k:
55 MHz RF=2 k:
132 MHz RF=1.2 k:
214 MHz RF=0.8 k:
0
20
5
10
15
POWER SUPPLY (V)
15
5
10
0
20
0
12
2
4
6
8
10
POWER SUPPLY (V)
6
15
7
8
9 10 11 12 13 14
5
18
17
16
LME49713
SNAS386E – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Output Voltage
Supply Current (ICC)
vs
vs
Supply Voltage
Power Supply
AV = 1, RL = open
RL = open
Supply Current (IEE)
Gain
vs
vs
Power Supply
Frequency
RL = open
VS = ±15V, G = –1
Gain
Gain
vs
vs
Frequency
Frequency
VS = ±15V, G = –2
VS = ±15V, G = –5
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Links: LME49713


Similar Part No. - LME49713_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713HA/NOPB TI1-LME49713HA/NOPB Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713MA/NOPB TI1-LME49713MA/NOPB Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results

Similar Description - LME49713_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com