Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49713 Datasheet(PDF) 10 Page - Texas Instruments

Part # LME49713
Description  High Performance, High Fidelity Current Feedback Audio Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49713 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LME49713_14 Datasheet HTML 6Page - Texas Instruments LME49713_14 Datasheet HTML 7Page - Texas Instruments LME49713_14 Datasheet HTML 8Page - Texas Instruments LME49713_14 Datasheet HTML 9Page - Texas Instruments LME49713_14 Datasheet HTML 10Page - Texas Instruments LME49713_14 Datasheet HTML 11Page - Texas Instruments LME49713_14 Datasheet HTML 12Page - Texas Instruments LME49713_14 Datasheet HTML 13Page - Texas Instruments LME49713_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
0
500
1000
1500
2000
2500
0
5
10
15
20
25
VOUT (VP-P)
1
10
100
FREQUENCY (Hz)
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1
10
100
1k
10k
100k
-60
-95
-90
-85
-80
-75
-70
-65
1M
1
10
100
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1000
LME49713
SNAS386E – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
PSRR
Current Noise
vs
vs
Frequency
Frequency
VS= ±15V, VRIPPLE = 200mVP-P
VS= ±15V
Equivalent Voltage Noise
Slew Rate
vs
vs
Frequency
Output Voltage
VS= ±15V
VS= ±15V
Application Information
GENERAL AMPLIFIER FUNCTION
Voltage feedback amplifiers have a small-signal bandwidth that is a function of the closed-loop gain. Conversely,
the LME49713 current feedback amplifier features a small-signal bandwidth that is relatively independent of the
closed-loop gain. This is shown in Figure 1 where the LME49713’s gain is –1,–2, –5 and –10. Like all current
feedback amplifiers, the LME49713’s closed-loop bandwidth is a function of the feedback resistance value.
Therefore, Rs must be varied to select the desired closed-loop gain.
POWER SUPPLY BYPASSING AND LAYOUT CONSIDERATIONS
Properly placed and correctly valued supply bypassing is essential for optimized high-speed amplifier operation.
The supply bypassing must maintain a wideband, low-impedance capacitive connection between the amplifier’s
supply pin and ground. This helps preserve high speed signal and fast transient fidelity. The bypassing is easily
accomplished using a parallel combination of a 10
μF tantalum and a 0.1μF ceramic capacitors for each power
supply pin. The bypass capacitors should be placed as close to the amplifier power supply pins as possible.
FEEDBACK RESISTOR SELECTION (Rf)
The value of the Rf, is also a dominant factor in compensating the LME49713. For general applications, the
LME49713 will maintain specified performance with an 1.2k
Ω feedback resistor. Although this value will provide
good results for most applications, it may be advantageous to adjust this value slightly for best pulse response
optimized for the desired bandwidth. In addition to reducing bandwidth, increasing the feedback resistor value
also reduces overshoot in the time domain response.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Links: LME49713


Similar Part No. - LME49713_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713HA/NOPB TI1-LME49713HA/NOPB Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713MA/NOPB TI1-LME49713MA/NOPB Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results

Similar Description - LME49713_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com