Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0524S-1W Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # B0524S-1W
Description  SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0524S-1W Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  B0524S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1W&B_D-1W
B/2-2012
Page 5 of 5
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
(Figure 2)
EXTERNAL CAPACITOR TABLE
(TABLE 1)
Vin
(VDC)
Cin
(
μF)
Vout
(VDC)
Cout
(
μF)
3.3/5
4.7
3.3/5
10
12
2.2
7.2/9
4.7
15
1
12
2.2
24
1
15
1
--
--
24
0.47
It
’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4) Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear regulator and an capacitor filtering network
with overheat protection that is connected to the input or output end in series (Figure 3), the recommended capacitance of its filter capacitor sees
(Table 1), linear regulator based on the actual voltage and current to reasonable selection.
Vin
GND
0V
+Vo
DC DC
REG
REG
(Figure 3)
5) Cannot use in parallel and hot swap
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. Max. Capacitive Load tested at input voltage range and full load.
3. All date in the datasheet are measured according to nominal input voltage, rated output load, TA=25℃, humidity<75%, unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on our corporate standards.
5. The performance in the datasheet is just fit for the part number in the selection guide, and may be different from the customer-designed product,
you can get more details from MORNSUN FAE.
6. Contact us for your specific requirement.
7. Specifications subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-28203068
Http://www.mornsun-power.com


Similar Part No. - B0524S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0524S-1W MORNSUN-B0524S-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
logo
Guangzhou Reicu Electro...
B0524S-1W REICU-B0524S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0524S-1WR2 MORNSUN-B0524S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B0524S-1WR2 REICU-B0524S-1WR2 Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0524S-1WR3 MORNSUN-B0524S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
More results

Similar Description - B0524S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-W5 REICU-B0303S-W5 Datasheet
3Mb / 1P
   1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
IF0505S-1W REICU-IF0505S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-2W REICU-B0303S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com