Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0506(X)T-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B0506(X)T-1W
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0506(X)T-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B0506(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0506(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0506(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0506(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0506(X)T-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
B_(X)T-1W series
2014.05.22-B/3
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage , isolated & unregulated single
output
Patent Protection RoHS
FEATURES
Operating temperature range: -40℃ to +85℃
Isolation voltage: 1K VDC
SMD package
Internal surface mounted design
International standard pin-out
B_(X)T-1W series is specially designed for applications where an isolated voltage is required in a distributed power supply system. It is suitable
for
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤1000VDC);
3.Where do not has high requirement of line regulation, load regulation and the ripple & noise of the output voltage;
Such as: pure digital circuits, low frequency analog circuits and IGBT power device driving circuits.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load (μF)
Certification
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
B0303(X)T-1W
3.3
(2.97-3.63)
3.3
303/30
69/73
220
UL
B0305(X)T-1W
5
200/20
70/74
UL
B0309(X)T-1W
9
111/12
66/70
B0312T-1W
12
84/9
74/78
B0315T-1W
15
67/7
72/76
B0324T-1W
24
42/4
74/78
B0503(X)T-1W
5
(4.5-5.5)
3.3
303/30
68/72
B0505(X)T-1W
5
200/20
73/77
UL/CE
B0506(X)T-1W
6
167/17
65/69
B0507T-1W
7.2
139/14
71/75
B0509(X)T-1W
9
111/12
72/76
UL/CE
B0512(X)T-1W
12
84/9
75/79
UL/CE
B0515(X)T-1W
15
67/7
74/78
UL/CE
B0524(X)T-1W
24
42/4
75/79
B1203(X)T-1W
12
(10.8-13.2)
3.3
303/30
67/71
B1205(X)T-1W
5
200/20
65/69
UL/CE
B1209(X)T-1W
9
111/12
69/73
UL/CE
B1212(X)T-1W
12
84/9
69/73
UL/CE
B1215(X)T-1W
15
67/7
70/74
UL/CE
B1224T-1W
24
42/4
75/79
B1505(X)T-1W
15
(13.5-16.5)
5
200/20
58/62
B1515(X)T-1W
15
67/7
72/76
B2403(X)T-1W
24
(21.6-26.4)
3.3
300/30
65/69
B2405(X)T-1W
5
200/20
66/70
B2409(X)T-1W
9
111/12
68/72
B2412(X)T-1W
12
83/8
71/75
B2415(X)T-1W
15
67/7
72/76
B2424(X)T-1W
24
42/4
73/77
Notes: 1. The B_XT-1W series have no 3,6,7 pin, For example B0505XT-1W.
2. B_XT-1W series: UL-60950-1 pending.


Similar Part No. - B0506(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B0506XT MICRODC-B0506XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0506XT-1WR2 MORNSUN-B0506XT-1WR2 Datasheet
306Kb / 4P
   DC/DC Converter
B0506XT-1WR2 MORNSUN-B0506XT-1WR2 Datasheet
241Kb / 5P
   DC/DC Converter
More results

Similar Description - B0506(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com