Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1209XT-2WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B1209XT-2WR2
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1209XT-2WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B1209XT-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1209XT-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1209XT-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1209XT-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC/DC Converter
B_XT-2WR2 Series
2014.05.22-A/1
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2W, Fixed input voltage, isolated & unregulated single
output
Patent Protection RoHS
FEATURES
Efficiency up to 86%
Isolation voltage: 1.5K VDC
Operating temperature range: -40℃ to+105℃
Miniature SMD package
Internal surface mounted design
No external component required
International standard pin-out
B_XT-2WR2 series is specially designed for applications where an isolated voltage is required in a distributed power supply system. It is
suitable for
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤1500VDC);
3.Where do not has high requirement of line regulation , load regulation and the ripple & noise of the output voltage;
Such as: pure digital circuits, low frequency analog circuits, and relay-driven circuits.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load
(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
B0503XT-2WR2
5
(4.5-5.5)
3.3
400/40
68/72
220
B0505XT-2WR2
5
400/40
75/79
B0509XT-2WR2
9
222/22
78/82
B0512XT-2WR2
12
167/17
78/82
B0515XT-2WR2
15
133/13
79/83
B1205XT-2WR2
12
(10.8-13.2)
5
400/40
75/79
B1209XT-2WR2
9
222/22
78/82
B1212XT-2WR2
12
167/17
78/82
B1215XT-2WR2
15
133/13
79/83
B1224XT-2WR2
24
83/8
80/84
B1515XT-2WR2
15
(13.5-16.5)
15
133/13
79/83
B2405XT-2WR2
24
(21.6-26.4)
5
400/40
75/79
B2412XT-2WR2
12
167/17
78/82
B2415XT-2WR2
15
133/13
79/83
B2424XT-2WR2
24
83/8
82/86
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
5V input
--
506/30
--
mA
12V input
--
212/25
--
15V input
--
169/18
--
24V input
--
105/15
--
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
Surge Voltage (1sec. max.)
15V input
-0.7
--
21
VDC
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitor filter


Similar Part No. - B1209XT-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1209XT-2WR2 MORNSUN-B1209XT-2WR2 Datasheet
218Kb / 5P
   DC/DC Converter
More results

Similar Description - B1209XT-2WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com