Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2424S-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # B2424S-1W
Description  SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B2424S-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B2424S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1W&B_D-1W
B/2-2012
Page 2 of 5
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
3.3VDC input
-0.7
--
5
5VDC input
-0.7
--
9
12VDC input
-0.7
--
18
15VDC input
-0.7
--
21
Input Surge Voltage
(1000 ms)
24VDC input
-0.7
--
30
VDC
Input Filter
Capacitance Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Power
0.1
--
1
W
Output Voltage Accuracy
See tolerance envelope curve
3.3VDC output
--
--
±1.5
Line Regulation
For Vin change of
±1%
Others
--
--
±1.2
3.3VDC output
--
15
20
5V/7.2VDC output
--
12.8
15
9VDC output
--
8.3
15
12VDC output
--
6.8
15
15VDC output
--
6.3
15
Load Regulation
10% to 100% load
24VDC output
--
5
15
%
Temperature Drift
100% load
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
--
75
100
mVp-p
Short Circuit Protection**
--
--
1
s
Note: 1.*Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.
2.**Supply voltage must be discontinued at the end of short circuit duration.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
1000
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
B2424S-1W
--
100
--
Isolation Capacitance
Input/Output,100KHz/1V
Others
--
30
--
pF
Switching Frequency
Full load, nominal input
--
100
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Plastic(UL94-V0)
B_S-1W Series
--
1.2
--
Weight
B_D-1W Series
--
1.8
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above 85)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection


Similar Part No. - B2424S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B2424S-1W MORNSUN-B2424S-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
logo
Guangzhou Reicu Electro...
B2424S-1W REICU-B2424S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2424S-1WR2 MORNSUN-B2424S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B2424S-1WR2 REICU-B2424S-1WR2 Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2424S-1WR3 MORNSUN-B2424S-1WR3 Datasheet
1Mb / 5P
   1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B2424S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-W5 REICU-B0303S-W5 Datasheet
3Mb / 1P
   1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
IF0505S-1W REICU-IF0505S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-2W REICU-B0303S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com