Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1224S-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B1224S-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1224S-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B1224S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1224S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1224S-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1224S-2W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1224S-2W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_S-2W & B_S-2W
B/1-2012
Page 1 of 5
A_S-2W & B_S-2W Series
2W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protection
RoHS
PART NUMBER SYSTEM
A0505S-2W
P rod u c t S e ries
Inpu t Vo ltage
O u tp u t Vo ltage
Pa ck ag e S tyle
R a te d P o wer
FEATURES
● Efficiency up to 86%
● 1KVDC isolation
● SIP package
● High power density
● Low temperature rise
● Operating temperature range: -40°C ~ +85°C
● No external component required
● Industry standard pinout
APPLICATIONS
The A_S-2W & B_S-2W Series are designed for application
where isolated output is required from a distributed power
system.
These products apply to where:
1)
Input voltage variation
≤ ±10%;
2)
1KVDC input and output isolation;
3)
Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits, and
IGBT power device driving circuits.
SELECTION GUIDE
Input
Voltage(VDC)
Output Current
(mA)
Input Current
(mA)(typ.)
Model Number
Nominal
(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load
#
(
µF)
Efficiency
(%, typ.)
@Max. Load
Approval
B0303S-2W
3.3
400
40
--
--
--
73
B0305S-2W
3.3(2.97-3.63)
5
400
40
749
46
32
220
78
A0505S-2W
±5
±200
±20
491
33
30
82
UL
A0509S-2W
±9
±111
±12
466
36
22
85
UL
A0512S-2W
±12
±83
±9
464
34
26
86
UL
A0515S-2W
±15
±67
±7
459
19
33
82
UL
A0524S-2W
±24
±42
±5
453
25
49
100
84
B0503S-2W
3.3
400
40
355
35
43
74
B0505S-2W
5
400
40
490
44
44
81
UL CE
B0509S-2W
9
222
23
467
33
19
84
UL CE
B0512S-2W
12
167
17
463
33
20
83
UL CE
B0515S-2W
15
133
14
466
33
20
84
UL CE
B0524S-2W
5
(4.5-5.5)
24
84
10
465
34
59
220
82
A1205S-2W
±5
±200
±20
198
18
23
81
UL
A1209S-2W
±9
±111
±12
191
17
30
84
UL
A1212S-2W
±12
±83
±9
188
16
20
86
UL
A1215S-2W
±15
±67
±7
197
20
21
82
UL
A1224S-2W
±24
±42
±5
186
12
19
100
84
B1205S-2W
5
400
40
204
16
31
81
UL CE
B1209S-2W
9
222
23
202
24
28
82
UL CE
B1212S-2W
12
167
17
190
16
22
85
UL CE
B1215S-2W
15
133
14
196
19
16
82
UL CE
B1224S-2W
12
(10.8-13.2)
24
84
10
189
15
13
220
84


Similar Part No. - B1224S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B1224S-2W REICU-B1224S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B1224S-2WR2 MORNSUN-B1224S-2WR2 Datasheet
250Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
B1224S-2WR2 REICU-B1224S-2WR2 Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B1224S-2WR3 MORNSUN-B1224S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
More results

Similar Description - B1224S-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com