Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0515(X)T-2W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B0515(X)T-2W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0515(X)T-2W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B0515(X)T-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0515(X)T-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0515(X)T-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0515(X)T-2W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0515(X)T-2W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_(X)T-2W
B/0-2013
Page 3 of 5
PRODUCT TYPICAL CURVE
Tolerance Envelope Curve
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Outp ut
Volta ge
Outp ut Cu rren t Perce nt(%)
Typical L
oad Line
70
(Nomin al Input Vo lta ge)
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambi ent Temp.()
Tempe ra tu re D erating C u rve
Safe Operating Area
Efficiency VS Input Voltage curve
(Full Load)
0
10
20
30
40
50
60
70
80
90
100
Input Voltage(V)
B0505T-2W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
B0505T-2W
Efficiency VS Input Voltage curve
(Full Load)
0
10
20
30
40
50
60
70
80
90
100
Input Voltage(V)
B2405T-2W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
B2405T-2W
Recommended reflow Soldering Profile
0
50
100
150
200
250
Ti m e ( s e c .)
22 0C
o
10
M ax
Sec
26 0C
o
9 0
M ax
( > 22 0 C)
S e c
o
Note: The curve applies only to the hot air reflow soldering


Similar Part No. - B0515(X)T-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0515(X)T-2W MORNSUN-B0515(X)T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
More results

Similar Description - B0515(X)T-2W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com